Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 12Page - Texas Instruments LP8501 Datasheet HTML 13Page - Texas Instruments LP8501 Datasheet HTML 14Page - Texas Instruments LP8501 Datasheet HTML 15Page - Texas Instruments LP8501 Datasheet HTML 16Page - Texas Instruments LP8501 Datasheet HTML 17Page - Texas Instruments LP8501 Datasheet HTML 18Page - Texas Instruments LP8501 Datasheet HTML 19Page - Texas Instruments LP8501 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
REG
1.5X
V
,
1.5 x V
, ROUT
VIN
VOUT
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
Charge Pump Operational Description
Overview
The LP8501 includes a pre-regulated switched-capacitor charge pump with a programmable voltage
multiplications of 1 and 1.5x. The 1.5x mode combines the principles of a switched-capacitor charge pump and a
linear regulator, generating a regulated 4.5V output from Li-Ion input voltage range. A two-phase non-overlapping
clock generated internally controls the operation of the charge pump. During the charge phase, both flying
capacitors (C1 and C2) are charged from input voltage. In the pump phase that follows, the flying capacitors are
discharged to output. A traditional switched capacitor charge pump operating in this manner will use switches
with very low on-resistance, ideally 0
Ω, to generate an output voltage that is 1.5x the input voltage. The LP8501
regulates the output voltage by controlling the resistance of the input-connected pass-transistor switches in the
charge pump.
Output Resistance
At lower input voltages, the charge pump output voltage may degrade due to effective output resistance (ROUT) of
the charge pump. The expected voltage drop can be calculated by using a simple model for the charge pump
illustrated in Figure 18 below.
Figure 18. Charge Pump Output Resistance Model
The model shows a linear pre-regulation block (REG), a voltage multiplier (1.5x), and an output resistance
(ROUT). Output resistance models the output voltage drop that is inherent to switched capacitor converters. The
output resistance is 3.5
Ω (typ.), and it is a function of switching frequency, input voltage, flying capacitors’
capacitance value, internal resistances of the switches and ESR of the flying capacitors. When the output voltage
is in regulation, the regulator in the model controls the voltage V’ to keep the output voltage equal to 4.5V (typ).
With increased output current, the voltage drop across ROUT increases. To prevent a drop in output voltage, the
voltage drop across the regulator is reduced, V’ increases, and VOUT remains at 4.5V. When the output current
increases to the point that there is zero voltage drop across the regulator, V’ equals the input voltage, and the
output voltage is “on the edge” of regulation. Additional output current causes the output voltage to fall out of
regulation, so that the operation is similar to a basic open-loop 1.5x charge pump. In this mode, output current
results in output voltage drop proportional to the output resistance of the charge pump. The out-of-regulation
output voltage can be approximated by: VOUT = 1.5 x VIN – IOUT x ROUT.
Controlling the Charge Pump
The c harge pump is controlled with two CP_MODE bits in CONFIG register (address 36h). When both of the bits
are low, charge pump is disabled and output voltage is pulled down with an internal 300 k
Ω (typ.) resistor. The
charge pump can be forced to bypass mode, so that the battery voltage is connected directly to the current
sources; in 1.5x mode output voltage is boosted to 4.5V. In automatic mode, charge pump operation mode is
defined by current source outputs saturation as described in the next section.
LED Forward Voltage Monitoring
When the charge-pump automatic mode selection is enabled, voltages over LED drivers connected to charge
pump are monitored. If the drivers do not have enough headroom, the charge pump gain is set to 1.5x. Driver
saturation monitor does not have a fixed voltage limit, since saturation voltage is a function of temperature and
current. Charge pump gain is set to 1x when battery voltage is high enough to supply all LEDs. Note that in order
to get the automatic gain change work correctly, power config bits in register 05H must be set according to where
the VDD1_6 and VDD7_9 are connected.
In automatic gain change mode, the charge pump is switched to bypass mode (1x) when LEDs are inactive for
over 50 ms.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com