Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 28Page - Texas Instruments LP8501 Datasheet HTML 29Page - Texas Instruments LP8501 Datasheet HTML 30Page - Texas Instruments LP8501 Datasheet HTML 31Page - Texas Instruments LP8501 Datasheet HTML 32Page - Texas Instruments LP8501 Datasheet HTML 33Page - Texas Instruments LP8501 Datasheet HTML 34Page - Texas Instruments LP8501 Datasheet HTML 35Page - Texas Instruments LP8501 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
Table 5. Control Register Map (continued)
Hex
Register Name
Bit(s)
Read/Wr
Default Value
Bit Mnemonic and Description
Address
ite
After Reset
0B
D6 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D6 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D6 output
0C
D7 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D7 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D7 output
0D
D8 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D8 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D8 output
0E
D9 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D9 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D9 output
0F TO 14
RESERVED
[7:0]
RESERVED FOR FUTURE USE
15
GPO CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for GPO
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for GPO
16
D1 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D1
17
D2 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D2
18
D3 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D3
19
D4 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D4
1A
D5 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D5
1B
D6 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D6
1C
D7 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D7
1D
D8 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D8
1E
D9 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D9
1F TO 24
RESERVED
[7:0]
RESERVED FOR FUTURE USE
25
GPO PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for GPO
26
D1 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D1 output current control register. Default 17.5 mA
(typ.)
27
D2 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D2 output current control register. Default 17.5 mA
(typ.)
28
D3 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D3 output current control register. Default 17.5 mA
(typ.)
29
D4 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D4 output current control register. Default current is
17.5 mA (typ.)
32
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com