Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 3Page - Texas Instruments LP8501 Datasheet HTML 4Page - Texas Instruments LP8501 Datasheet HTML 5Page - Texas Instruments LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments LP8501 Datasheet HTML 9Page - Texas Instruments LP8501 Datasheet HTML 10Page - Texas Instruments LP8501 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the operating ambient temperature range
(
−30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP8501 Block Diagram with: VDD = 3.6V, VEN =
1.65V, COUT = 1 µF, CIN = 1 µF, C1–2 = 0.47 µF.
(4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEN = 0V, CHIP_EN=0 (bit),
external 32 kHz clock running or
0.2
1
µA
not running
Standby supply current
CHIP_EN=0 (bit), external 32 kHz
0.7
µA
clock not running
CHIP_EN=0 (bit), external 32 kHz
1.4
µA
clock running
External 32 kHz clock running,
charge pump and current source
0.6
mA
IVDD
outputs disabled
Charge pump in 1x mode, no
Normal Mode Supply Current
load, current source outputs
0.8
mA
disabled
Charge pump in 1.5x mode, no
load, current source outputs
1.8
mA
disabled
External 32 kHz clock running
11
µA
Power Save Mode Supply
Current
Internal oscillator running
0.6
mA
Internal Oscillator Frequency
−4
+4
fOSC
%
Accuracy
−7
+7
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most
likely norm.
(4)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
CHARGE PUMP ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
Gain = 1.5x
3.5
ROUT
Charge Pump Output Resistance
Ω
Gain = 1x
1
fSW
Switching Frequency
1.25
MHz
Gain = 1.5x
1.2
IGND
Ground Current
mA
Gain = 1x
0.3
tON
VOUT Turn-On Time
(1)
VDD = 3.6V, IOUT = 60 mA
100
µs
(1)
Turn-on time is measured from the moment the charge pump is activated until the VOUT crosses 90% of its target value.
LED DRIVER ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
ILEAKAGE
Leakage Current (outputs D1 to D9)
0.1
1
µA
IMAX
Maximum Source Current
Outputs D1 to D9
25.5
mA
−4
+4
IOUT
Output Current Accuracy(1)
Output current set to 17.5 mA
%
−5
+5
IMATCH
Matching(1)
Output current set to 17.5 mA
1
%
fLED
LED Switching Frequency
312
Hz
VSAT
Saturation Voltage(2)
Output current set to 17.5 mA
60
100
mV
(1)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current outputs on the part (D1 to D9), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is
considered the matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that
some manufacturers have different definitions in use.
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at VOUT – 1V.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com