Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 9Page - Texas Instruments LP8501 Datasheet HTML 10Page - Texas Instruments LP8501 Datasheet HTML 11Page - Texas Instruments LP8501 Datasheet HTML 12Page - Texas Instruments LP8501 Datasheet HTML 13Page - Texas Instruments LP8501 Datasheet HTML 14Page - Texas Instruments LP8501 Datasheet HTML 15Page - Texas Instruments LP8501 Datasheet HTML 16Page - Texas Instruments LP8501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
FUNCTIONAL OVERVIEW
The LP8501 is a fully integrated lighting management unit (LMU) designed for producing lighting effects for
mobile devices. The LP8501 includes all necessary power management, high-side current sources, two-wire
control interface and programmable execution engines. The overall maximum current for each driver is set by an
8-bit register.
The LP8501 controls LED luminance with a pulse width modulation (PWM) scheme with a resolution of 12 bits.
Programming
The LP8501 provides flexibility and programmability for dimming and sequencing control. Each LED can be
controlled directly and independently through the serial bus. LED drivers can also be freely grouped together.
The LED drivers may be grouped into a maximum of three groups. Each of the three groups' PWM can be
controlled through the serial bus.
The LP8501 has three independent program execution engines, so it is possible to form three independently
programmable LED banks. LED drivers can be grouped based on their function so that, for example, the first
bank of drivers can be assigned to the keypad illumination, the second bank to the “fun lights” and the third
group to the indicator LED(s). Each bank can contain 1 to 9 LED driver outputs. Instructions for program
execution engines are stored in the program memory. The total amount of the program memory is 96
instructions, and the user can allocate the memory as required by the engines.
LED Error Detection
The LP8501 has built-in LED error detection. Error detection both detects open and short circuits, and provides
an opportunity to measure the forward voltages of the LEDs. The test is activated by serial interface write, and
the result can be read through the serial interface during the next cycle. This can be used for general purpose
measurements such as checking the supply voltages and charge pump output voltage.
Energy Efficiency
When charge pump automatic mode selection is enabled, the LP8501 monitors the voltage over the drivers
which are powered from the charge pump (VOUT) so that the device can select the best charge pump gain and
maintain good efficiency over the whole operating voltage range. In RGB LED applications the red LED element
typically has a forward voltage of about 2V. For that reason, the outputs D7, D8 and D9 can be powered by VDD
since battery voltage is high enough to drive red LEDs over the whole operating range. This allows driving of
three RGB LEDs with good efficiency because the red LEDs don't load the charge pump.
The LP8501 is able to automatically enter power-save mode, when LED outputs are not active, thus lowering idle
current consumption down to 10 µA (typ.). Also, during the "down time" of the PWM cycle (constant current
output status is low), additional power savings can be achieved under certain conditions.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com