Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 4Page - Texas Instruments LP8501 Datasheet HTML 5Page - Texas Instruments LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments LP8501 Datasheet HTML 9Page - Texas Instruments LP8501 Datasheet HTML 10Page - Texas Instruments LP8501 Datasheet HTML 11Page - Texas Instruments LP8501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
LED TEST ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
LSB
Least Significant Bit
30
mV
EABS
Total Unadjusted Error(1)
VIN_TEST = 0V to VDD
<±3
±4
LSB
tCONV
Conversion Time
2.7
ms
VIN_TEST
DC Voltage Range
0
5
V
(1)
Total unadjusted error includes offset, full-scale and linearity errors.
LOGIC INTERFACE CHARACTERISTICS
VEN = 1.65 to VDD unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic input EN
VIL
Input Low Level
0.5
V
VIH
Input High Level
1.2
V
II
Input Current
–1.0
1.0
µA
tDELAY
Input Delay(1)
2
µs
Logic input SCL, SDA, TRIG, CLK
VIL
Input Low Level
0.2xVEN
V
VIH
Input High Level
0.8xVEN
V
II
Input Current
-1.0
1.0
µA
Logic output SDA, TRIG, INT
VOL
Output Low Level
IOUT = 3 mA (pullup current)
0.3
0.5
V
IL
Output Leakage Current
VOUT = 2.8V
1.0
µA
Logic output GPO
VOL
Output Low Level
IOUT = 3 mA
0.3
0.5
V
VOH
Output High Level
IOUT = -2 mA
VDD −0.5 VDD −0.3
IL
Output Leakage Current
VOUT = 2.8V
1.0
µA
(1)
The I2C host should allow at least 500 µs before sending data to the LP8501 after the rising edge of the EN pin.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com