Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 36Page - NXP Semiconductors P89LPC932 Datasheet HTML 37Page - NXP Semiconductors P89LPC932 Datasheet HTML 38Page - NXP Semiconductors P89LPC932 Datasheet HTML 39Page - NXP Semiconductors P89LPC932 Datasheet HTML 40Page - NXP Semiconductors P89LPC932 Datasheet HTML 41Page - NXP Semiconductors P89LPC932 Datasheet HTML 42Page - NXP Semiconductors P89LPC932 Datasheet HTML 43Page - NXP Semiconductors P89LPC932 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
40 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.24 Watchdog timer
The Watchdog timer causes a system reset when it underflows as a result of a failure
to feed the timer prior to the timer reaching its terminal count. It consists of a
programmable 12-bit prescaler, and an 8-bit down counter. The down counter is
decremented by a tap taken from the prescaler. The clock source for the prescaler is
either the PCLK or the nominal 400 kHz Watchdog oscillator. The Watchdog timer
can only be reset by a power-on reset. When the watchdog feature is disabled, it can
be used as an interval timer and may generate an interrupt. Figure 20 shows the
Watchdog timer in watchdog mode. Feeding the watchdog requires a two-byte
sequence. If PCLK is selected as the watchdog clock and the CPU is powered-down,
the watchdog is disabled. The Watchdog timer has a time-out period that ranges from
a few
µs to a few seconds. Please refer to the P89LPC932 User’s Manual for more
details.
8.25 Additional features
8.25.1
Software reset
The SRST bit in AUXR1 gives software the opportunity to reset the processor
completely, as if an external reset or watchdog reset had occurred. Care should be
taken when writing to AUXR1 to avoid accidental software resets.
8.25.2
Dual data pointers
The dual Data Pointers (DPTR) provides two different Data Pointers to specify the
address used with certain instructions. The DPS bit in the AUXR1 register selects
one of the two Data Pointers. Bit 2 of AUXR1 is permanently wired as a logic ‘0’ so
that the DPS bit may be toggled (thereby switching Data Pointers) simply by
incrementing the AUXR1 register, without the possibility of inadvertently altering other
bits in the register.
(1) Watchdog reset can also be caused by an invalid feed sequence, or by writing to WDCON not immediately followed by a
feed sequence.
Fig 20. Watchdog timer in watchdog mode (WDTE = ‘1’).
PRE2
PRE1
PRE0
–
–
WDRUN
WDTOF
WDCLK
WDCON (A7H)
CONTROL REGISTER
PRESCALER
002aaa423
SHADOW
REGISTER
FOR WDCON
8-BIT DOWN
COUNTER
WDL (C1H)
Watchdog
oscillator
PCLK
÷32
MOV WFEED1, #0A5H
MOV WFEED2, #05AH
RESET
see note (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com