Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 15Page - NXP Semiconductors P89LPC932 Datasheet HTML 16Page - NXP Semiconductors P89LPC932 Datasheet HTML 17Page - NXP Semiconductors P89LPC932 Datasheet HTML 18Page - NXP Semiconductors P89LPC932 Datasheet HTML 19Page - NXP Semiconductors P89LPC932 Datasheet HTML 20Page - NXP Semiconductors P89LPC932 Datasheet HTML 21Page - NXP Semiconductors P89LPC932 Datasheet HTML 22Page - NXP Semiconductors P89LPC932 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
19 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.6 CPU Clock (CCLK) wake-up delay
The P89LPC932 has an internal wake-up timer that delays the clock until it stabilizes
depending on the clock source used. If the clock source is any of the three crystal
selections (low, medium and high frequencies) the delay is 992 OSCCLK cycles plus
60 to 100
µs. If the clock source is either the internal RC oscillator, watchdog
oscillator, or external clock, the delay is 224 OSCCLK cycles plus 60 to 100
µs.
8.7 CPU Clock (CCLK) modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a
dividing register, DIVM, to generate CCLK. This feature makes it possible to
temporarily run the CPU at a lower rate, reducing power consumption. By dividing the
clock, the CPU can retain the ability to respond to events that would not exit Idle
mode by executing its normal program at a lower rate. This can also allow bypassing
the oscillator start-up time in cases where Power-down mode would otherwise be
used. The value of DIVM may be changed by the program at any time without
interrupting code execution.
8.8 Low power select
The P89LPC932 is designed to run at 12 MHz (CCLK) maximum. However, if CCLK
is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’ to lower the power
consumption further. On any reset, CLKLP is ‘0’ allowing highest performance
access. This bit can then be set in software if CCLK is running at 8 MHz or slower.
8.9 Memory organization
The various P89LPC932 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00h:7Fh) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00h:FFh) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of
the Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and
status registers, accessible only via direct addressing.
• XDATA
‘External’ Data or Auxiliary RAM. Duplicates the classic 80C51 64 kB memory
space addressed via the MOVX instruction using the SPTR, R0, or R1. All or part
of this space could be implemented on-chip. The P89LPC932 has 512 bytes of
on-chip XDATA memory.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC932 has 8 kB of on-chip Code memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com