Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 21Page - NXP Semiconductors P89LPC932 Datasheet HTML 22Page - NXP Semiconductors P89LPC932 Datasheet HTML 23Page - NXP Semiconductors P89LPC932 Datasheet HTML 24Page - NXP Semiconductors P89LPC932 Datasheet HTML 25Page - NXP Semiconductors P89LPC932 Datasheet HTML 26Page - NXP Semiconductors P89LPC932 Datasheet HTML 27Page - NXP Semiconductors P89LPC932 Datasheet HTML 28Page - NXP Semiconductors P89LPC932 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
25 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
the RTC during Power-down, there will be high power consumption. Please use an
external low frequency clock to achieve low power with the Real-Time Clock running
during Power-down.
8.15 Reset
The P1.5/RST pin can function as either an active-LOW reset input or as a digital
input, P1.5. The RPE (Reset Pin Enable) bit in UCFG1, when set to ‘1’, enables the
external reset input function on P1.5. When cleared, P1.5 may be used as an input
pin.
Remark: During a power-up sequence, the RPE selection is overridden and this pin
will always function as a reset input. An external circuit connected to this pin
should not hold this pin LOW during a power-on sequence as this will keep the
device in reset. After power-up this input will function either as an external reset
input or as a digital input as defined by the RPE bit. Only a power-up reset will
temporarily override the selection defined by RPE bit. Other sources of reset will not
override the RPE bit.
Remark: During a power cycle, VDD must fall below VPOR (see Table 8 “DC electrical
characteristics” on page 45) before power is reapplied, in order to ensure a power-on
reset.
Reset can be triggered from the following sources:
• External reset pin (during power-up or if user configured via UCFG1);
• Power-on detect;
• Brownout detect;
• Watchdog Timer;
• Software reset;
• UART break character detect reset.
For every reset source, there is a flag in the Reset Register, RSTSRC. The user can
read this register to determine the most recent reset source. These flag bits can be
cleared in software by writing a ‘0’ to the corresponding bit. More than one flag bit
may be set:
• During a power-on reset, both POF and BOF are set but the other flag bits are
cleared.
• For any other reset, previously set flag bits that have not been cleared will remain
set.
8.15.1
Reset vector
Following reset, the P89LPC932 will fetch instructions from either address 0000h or
the Boot address. The Boot address is formed by using the Boot Vector as the high
byte of the address and the low byte of the address = 00h.
The Boot address will be used if a UART break reset occurs, or the non-volatile Boot
Status bit (BOOTSTAT.0) = 1, or the device is forced into ISP mode during power-on
(see
P89LPC932 User’s Manual). Otherwise, instructions will be fetched from
address 0000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com