Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LPC932 Datasheet HTML 1Page - NXP Semiconductors P89LPC932 Datasheet HTML 2Page - NXP Semiconductors P89LPC932 Datasheet HTML 3Page - NXP Semiconductors P89LPC932 Datasheet HTML 4Page - NXP Semiconductors P89LPC932 Datasheet HTML 5Page - NXP Semiconductors P89LPC932 Datasheet HTML 6Page - NXP Semiconductors P89LPC932 Datasheet HTML 7Page - NXP Semiconductors P89LPC932 Datasheet HTML 8Page - NXP Semiconductors P89LPC932 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04 — 06 January 2004
Product data
1.
General description
The P89LPC932 is a single-chip microcontroller, available in low cost packages,
based on a high performance processor architecture that executes instructions in two
to four clocks, six times the rate of standard 80C51 devices. Many system-level
functions have been incorporated into the P89LPC932 in order to reduce component
count, board space, and system cost.
2.
Features
s A high performance 80C51 CPU provides instruction cycle times of 167-333 ns for
all instructions except multiply and divide when executing at 12 MHz. This is
6 times the performance of the standard 80C51 running at the same clock
frequency. A lower clock frequency for the same performance results in power
savings and reduced EMI.
s 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
s 8 kB Flash code memory with 1 kB erasable sectors, 64-byte erasable page size.
s 256-byte RAM data memory. 512-byte auxiliary on-chip RAM.
s 512-byte customer Data EEPROM on chip allows serialization of devices, storage
of set-up parameters, etc.
s Two 16-bit counter/timers. Each timer may be configured to toggle a port output
upon timer overflow or to become a PWM output.
s Real-Time clock that can also be used as a system timer.
s Capture/Compare Unit (CCU) provides PWM, input capture, and output compare
functions.
s Two analog comparators with selectable inputs and reference source.
s Enhanced UART with fractional baud rate generator, break detect, framing error
detection, automatic address detection and versatile interrupt capabilities.
s 400 kHz byte-wide I2C-bus communication port.
s SPI communication port.
s Eight keypad interrupt inputs, plus two additional external interrupt inputs.
s Four interrupt priority levels.
s Watchdog timer with separate on-chip oscillator, requiring no external
components. The watchdog prescaler is selectable from 8 values.
s Active-LOW reset. On-chip power-on reset allows operation without external reset
components. A reset counter and reset glitch suppression circuitry prevent
spurious and incomplete resets. A software reset function is also available.
s Low voltage reset (Brownout detect) allows a graceful system shutdown when
power fails. May optionally be configured as an interrupt.


Similar Part No. - P89LPC932

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
877Kb / 51P
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
Rev. 04-06 January 2004
P89LPC932 PHILIPS-P89LPC932 Datasheet
316Kb / 64P
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
Rev. 02-10 May 2005
P89LPC9321 NXP-P89LPC9321 Datasheet
342Kb / 70P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 01-9 December 2008
P89LPC9321FA NXP-P89LPC9321FA Datasheet
342Kb / 70P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 01-9 December 2008
P89LPC9321FDH NXP-P89LPC9321FDH Datasheet
342Kb / 70P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 01-9 December 2008
More results

Similar Description - P89LPC932

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
877Kb / 51P
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
Rev. 04-06 January 2004
P89LPC932A1 PHILIPS-P89LPC932A1 Datasheet
316Kb / 64P
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
Rev. 02-10 May 2005
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC970 NXP-P89LPC970 Datasheet
459Kb / 66P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
P89LPC932A1 NXP-P89LPC932A1 Datasheet
333Kb / 64P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 03-12 March 2007
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9321 NXP-P89LPC9321 Datasheet
342Kb / 70P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 01-9 December 2008
P89LPC971FDH129 NXP-P89LPC971FDH129 Datasheet
427Kb / 67P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 3-8 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com