Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 29Page - NXP Semiconductors P89LPC932 Datasheet HTML 30Page - NXP Semiconductors P89LPC932 Datasheet HTML 31Page - NXP Semiconductors P89LPC932 Datasheet HTML 32Page - NXP Semiconductors P89LPC932 Datasheet HTML 33Page - NXP Semiconductors P89LPC932 Datasheet HTML 34Page - NXP Semiconductors P89LPC932 Datasheet HTML 35Page - NXP Semiconductors P89LPC932 Datasheet HTML 36Page - NXP Semiconductors P89LPC932 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
33 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.20 I2C-bus serial interface
I2C-bus uses two wires (SDA and SCL) to transfer information between devices
connected to the bus, and it has the following features:
• Bi-directional data transfer between masters and slaves
• Multimaster bus (no central master)
• Arbitration between simultaneously transmitting masters without corruption of
serial data on the bus
• Serial clock synchronization allows devices with different bit rates to communicate
via one serial bus
• Serial clock synchronization can be used as a handshake mechanism to suspend
and resume serial transfer
• The I2C-bus may be used for test and diagnostic purposes.
A typical I2C-bus configuration is shown in Figure 13. The P89LPC932 device
provides a byte-oriented I2C-bus interface that supports data transfers up to 400 kHz.
Fig 13. I2C-bus configuration.
OTHER DEVICE
WITH I2C-BUS
INTERFACE
SDA
SCL
RP
RP
OTHER DEVICE
WITH I2C-BUS
INTERFACE
P1.3/SDA
P1.2/SCL
P89LPC932
I2C-BUS
002aaa559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com