Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 5Page - NXP Semiconductors P89LPC932 Datasheet HTML 6Page - NXP Semiconductors P89LPC932 Datasheet HTML 7Page - NXP Semiconductors P89LPC932 Datasheet HTML 8Page - NXP Semiconductors P89LPC932 Datasheet HTML 9Page - NXP Semiconductors P89LPC932 Datasheet HTML 10Page - NXP Semiconductors P89LPC932 Datasheet HTML 11Page - NXP Semiconductors P89LPC932 Datasheet HTML 12Page - NXP Semiconductors P89LPC932 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
9 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P2.0 - P2.7
1, 2, 13,
14, 15,
16, 27,
28
25, 26, 9,
10, 11,
12, 23,
24
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type. During
reset Port 2 latches are configured in the input only mode with the internal
pull-up disabled. The operation of Port 2 pins as inputs and outputs depends
upon the port configuration selected. Each port pin is configured
independently. Refer to Section 8.12.1 “Port configurations” and Table 8 “DC
electrical characteristics” for details.
All pins have Schmitt triggered inputs.
Port 2 also provides various special functions as described below:
1
25
I/O
P2.0 — Port 2 bit 0.
I
ICB — Input Capture B.
2
26
I/O
P2.1 — Port 2 bit 1.
O
OCD — Output Compare D.
13
9
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is
output; when configured as slave, this pin is input.
14
10
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured as
slave, this pin is output.
15
11
I/O
P2.4 — Port 2 bit 4.
I
SS — SPI Slave select.
16
12
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when
configured as slave, this pin is input.
27
23
I/O
P2.6 — Port 2 bit 6.
O
OCA — Output Compare A.
28
24
I/O
P2.7 — Port 2 bit 7.
I
ICA — Input Capture A.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description
TSSOP,
PLCC
HVQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com