Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 20Page - NXP Semiconductors P89LPC932 Datasheet HTML 21Page - NXP Semiconductors P89LPC932 Datasheet HTML 22Page - NXP Semiconductors P89LPC932 Datasheet HTML 23Page - NXP Semiconductors P89LPC932 Datasheet HTML 24Page - NXP Semiconductors P89LPC932 Datasheet HTML 25Page - NXP Semiconductors P89LPC932 Datasheet HTML 26Page - NXP Semiconductors P89LPC932 Datasheet HTML 27Page - NXP Semiconductors P89LPC932 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
24 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
If Brownout detection is enabled, the operating voltage range for VDD is 2.7 V to 3.6 V,
and the brownout condition occurs when VDD falls below the brownout trip voltage,
VBO (see Table 8 “DC electrical characteristics”), and is negated when VDD rises
above VBO. If brownout detection is disabled, the operating voltage range for VDD is
2.4 V to 3.6 V. If the P89LPC932 device is to operate with a power supply that can be
below 2.7 V, BOE should be left in the unprogrammed state so that the device can
operate at 2.4 V, otherwise continuous brownout reset may prevent the device from
operating.
For correct activation of Brownout detect, the VDD rise and fall times must be
observed. Please see Table 8 “DC electrical characteristics” for specifications.
8.13.2
Power-on detection
The Power-on Detect has a function similar to the Brownout detect, but is designed to
work as power comes up initially, before the power supply voltage reaches a level
where Brownout detect can work. The POF flag in the RSTSRC register is set to
indicate an initial power-up condition. The POF flag will remain set until cleared by
software.
8.14 Power reduction modes
The P89LPC932 supports three different power reduction modes. These modes are
Idle mode, Power-down mode, and total Power-down mode.
8.14.1
Idle mode
Idle mode leaves peripherals running in order to allow them to activate the processor
when an interrupt is generated. Any enabled interrupt source or reset may terminate
Idle mode.
8.14.2
Power-down mode
The Power-down mode stops the oscillator in order to minimize power consumption.
The P89LPC932 exits Power-down mode via any reset, or certain interrupts. In
Power-down mode, the power supply voltage may be reduced to the RAM keep-alive
voltage VRAM. This retains the RAM contents at the point where Power-down mode
was entered. SFR contents are not guaranteed after VDD has been lowered to VRAM,
therefore it is highly recommended to wake up the processor via reset in this case.
VDD must be raised to within the operating range before the Power-down mode is
exited.
Some chip functions continue to operate and draw power during Power-down mode,
increasing the total power used during Power-down. These include: Brownout detect,
Watchdog Timer, Comparators (note that Comparators can be powered-down
separately), and Real-Time Clock (RTC)/System Timer. The internal RC oscillator is
disabled unless both the RC oscillator has been selected as the system clock and the
RTC is enabled.
8.14.3
Total Power-down mode
This is the same as Power-down mode except that the brownout detection circuitry
and the voltage comparators are also disabled to conserve additional power. The
internal RC oscillator is disabled unless both the RC oscillator has been selected as
the system clock and the RTC is enabled. If the internal RC oscillator is used to clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com