Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 12Page - NXP Semiconductors P89LPC932 Datasheet HTML 13Page - NXP Semiconductors P89LPC932 Datasheet HTML 14Page - NXP Semiconductors P89LPC932 Datasheet HTML 15Page - NXP Semiconductors P89LPC932 Datasheet HTML 16Page - NXP Semiconductors P89LPC932 Datasheet HTML 17Page - NXP Semiconductors P89LPC932 Datasheet HTML 18Page - NXP Semiconductors P89LPC932 Datasheet HTML 19Page - NXP Semiconductors P89LPC932 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
All ports are in input only (high impedance) state after power-up.
[2]
BRGR1 and BRGR0 must only be written if BRGEN in BRGCON SFR is ‘0’. If any are written while BRGEN = 1, the result is unpredictable.
[3]
The RSTSRC register reflects the cause of the P89LPC932 reset. Upon a power-up reset, all reset source flags are cleared except POF and BOF; the power-on reset value is
xx110000.
[4]
After reset, the value is 111001x1, i.e., PRE2-PRE0 are all ‘1’, WDRUN = 1 and WDCLK = 1. WDTOF bit is ‘1’ after watchdog reset and is ‘0’ after power-on reset. Other resets will
not affect WDTOF.
[5]
On power-on reset, the TRIM SFR is initialized with a factory preprogrammed value. Other resets will not cause initialization of the TRIM register.
[6]
The only reset source that affects these SFRs is power-on reset.
TH0
Timer 0 HIGH
8CH
00
00000000
TH1
Timer 1 HIGH
8DH
00
00000000
TH2
CCU timer HIGH
CDH
00
00000000
TICR2
CCU interrupt control register
C9H
TOIE2
TOCIE2D TOCIE2C TOCIE2B TOCIE2A
-
TICIE2B
TICIE2A
00
00000x00
TIFR2
CCU interrupt flag register
E9H
TOIF2
TOCF2D
TOCF2C
TOCF2B
TOCF2A
-
TICF2B
TICF2A
00
00000x00
TISE2
CCU interrupt status encode
register
DEH
-
-
-
-
-
ENCINT.
2
ENCINT.
1
ENCINT.
0
00
xxxxx000
TL0
Timer 0 LOW
8AH
00
00000000
TL1
Timer 1 LOW
8BH
00
00000000
TL2
CCU timer LOW
CCH
00
00000000
TMOD
Timer 0 and 1 mode
89H
T1GATE
T1C/T
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0
00
00000000
TOR2H
CCU reload register HIGH
CFH
00
00000000
TOR2L
CCU reload register LOW
CEH
00
00000000
TPCR2H
Prescaler control register
HIGH
CBH
-
-
-
-
-
-
TPCR2H.
1
TPCR2H.
0
00
xxxxxx00
TPCR2L
Prescaler control register
LOW
CAH
TPCR2L.
7
TPCR2L.
6
TPCR2L.
5
TPCR2L.
4
TPCR2L.
3
TPCR2L.
2
TPCR2L.
1
TPCR2L.
0
00
00000000
TRIM
Internal oscillator trim register
96H
-
ENCLK
TRIM.5
TRIM.4
TRIM.3
TRIM.2
TRIM.1
TRIM.0
[5] [6]
WDCON
Watchdog control register
A7H
PRE2
PRE1
PRE0
-
-
WDRUN
WDTOF
WDCLK
[4] [6]
WDL
Watchdog load
C1H
FF
11111111
WFEED1
Watchdog feed 1
C2H
WFEED2
Watchdog feed 2
C3H
Table 4:
Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com