Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 8Page - NXP Semiconductors P89LPC932 Datasheet HTML 9Page - NXP Semiconductors P89LPC932 Datasheet HTML 10Page - NXP Semiconductors P89LPC932 Datasheet HTML 11Page - NXP Semiconductors P89LPC932 Datasheet HTML 12Page - NXP Semiconductors P89LPC932 Datasheet HTML 13Page - NXP Semiconductors P89LPC932 Datasheet HTML 14Page - NXP Semiconductors P89LPC932 Datasheet HTML 15Page - NXP Semiconductors P89LPC932 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 4:
Special function registers
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
00
00000000
AUXR1
Auxiliary function register
A2H
CLKLP
EBRR
ENT1
ENT0
SRST
0
-
DPS
00
000000x0
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
00
00000000
BRGR0[2]
Baud rate generator rate
LOW
BEH
00
00000000
BRGR1[2]
Baud rate generator rate
HIGH
BFH
00
00000000
BRGCON
Baud rate generator control
BDH
-
-
-
-
-
-
SBRGS
BRGEN
00[2]
xxxxxx00
CCCRA
Capture compare A control
register
EAH
ICECA2
ICECA1
ICECA0
ICESA
ICNFA
FCOA
OCMA1
OCMA0
00
00000000
CCCRB
Capture compare B control
register
EBH
ICECB2
ICECB1
ICECB0
ICESB
ICNFB
FCOB
OCMB1
OCMB0
00
00000000
CCCRC
Capture compare C control
register
ECH
-
-
-
-
-
FCOC
OCMC1
OCMC0
00
xxxxx000
CCCRD
Capture compare D control
register
EDH
-
-
-
-
-
FCOD
OCMD1
OCMD0
00
xxxxx000
CMP1
Comparator 1 control register
ACH
-
-
CE1
CP1
CN1
OE1
CO1
CMF1
00[1]
xx000000
CMP2
Comparator 2 control register
ADH
-
-
CE2
CP2
CN2
OE2
CO2
CMF2
00[1]
xx000000
DEECON
Data EEPROM control
register
F1H
EEIF
HVERR
ECTL1
ECTL0
-
-
-
EADR8
0E
00001110
DEEDAT
Data EEPROM data register
F2H
00
00000000
DEEADR
Data EEPROM address
register
F3H
00
00000000
DIVM
CPU clock divide-by-M
control
95H
00
00000000
DPTR
Data pointer (2 bytes)
DPH
Data pointer HIGH
83H
00
00000000
DPL
Data pointer LOW
82H
00
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com