Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 3Page - NXP Semiconductors P89LPC932 Datasheet HTML 4Page - NXP Semiconductors P89LPC932 Datasheet HTML 5Page - NXP Semiconductors P89LPC932 Datasheet HTML 6Page - NXP Semiconductors P89LPC932 Datasheet HTML 7Page - NXP Semiconductors P89LPC932 Datasheet HTML 8Page - NXP Semiconductors P89LPC932 Datasheet HTML 9Page - NXP Semiconductors P89LPC932 Datasheet HTML 10Page - NXP Semiconductors P89LPC932 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
7 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Table 3:
Pin description
Symbol
Pin
Type
Description
TSSOP,
PLCC
HVQFN
P0.0 - P0.7
3, 26,
25, 24,
23, 22,
20, 19
27, 22,
21, 20,
19, 18,
16, 15
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type. During
reset Port 0 latches are configured in the input only mode with the internal
pull-up disabled. The operation of Port 0 pins as inputs and outputs depends
upon the port configuration selected. Each port pin is configured
independently. Refer to Section 8.12.1 “Port configurations” and Table 8 “DC
electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
3
27
I/O
P0.0 — Port 0 bit 0.
O
CMP2 — Comparator 2 output.
I
KBI0 — Keyboard input 0.
26
22
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
25
21
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
24
20
I/O
P0.3 — Port 0 bit 3.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
23
19
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
22
18
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
20
16
I/O
P0.6 — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
19
15
I/O
P0.7 — Port 0 bit 7.
I/O
T1 — Timer/counter 1 external count input or overflow output.
I
KBI7 — Keyboard input 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com