Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 23Page - NXP Semiconductors P89LPC932 Datasheet HTML 24Page - NXP Semiconductors P89LPC932 Datasheet HTML 25Page - NXP Semiconductors P89LPC932 Datasheet HTML 26Page - NXP Semiconductors P89LPC932 Datasheet HTML 27Page - NXP Semiconductors P89LPC932 Datasheet HTML 28Page - NXP Semiconductors P89LPC932 Datasheet HTML 29Page - NXP Semiconductors P89LPC932 Datasheet HTML 30Page - NXP Semiconductors P89LPC932 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
27 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.17 Real-Time clock/system timer
The P89LPC932 has a simple Real-Time clock that allows a user to continue running
an accurate timer while the rest of the device is powered-down. The Real-Time clock
can be a wake-up or an interrupt source. The Real-Time clock is a 23-bit down
counter comprised of a 7-bit prescaler and a 16-bit loadable down counter. When it
reaches all ‘0’s, the counter will be reloaded again and the RTCF flag will be set. The
clock source for this counter can be either the CPU clock (CCLK) or the XTAL
oscillator, provided that the XTAL oscillator is not being used as the CPU clock. If the
XTAL oscillator is used as the CPU clock, then the RTC will use CCLK as its clock
source. Only power-on reset will reset the Real-Time clock and its associated SFRs
to the default state.
8.18 Capture/Compare Unit (CCU)
This unit features:
• A 16-bit timer with 16-bit reload on overflow.
• Selectable clock, with prescaler to divide clock source by any integral number
between 1 and 1024.
• 4 Compare/PWM outputs with selectable polarity
• Symmetrical/Asymmetrical PWM selection
• 2 Capture inputs with event counter and digital noise rejection filter
• 7 interrupts with common interrupt vector (one Overflow, 2 Capture, 4 Compare)
• Safe 16-bit read/write via shadow registers.
8.18.1
CCU clock (CCUCLK)
The CCU runs on the CCUCLK, which is either PCLK in basic timer mode, or the
output of a PLL. The PLL is designed to use a clock source between 0.5 MHz to
1 MHz that is multiplied by 32 to produce a CCUCLK between 16 MHz and 32 MHz in
PWM mode (asymmetrical or symmetrical). The PLL contains a 4-bit divider to help
divide PCLK into a frequency between 0.5 MHz and 1 MHz.
8.18.2
CCU clock prescaling
This CCUCLK can further be divided down by a prescaler. The prescaler is
implemented as a 10-bit free-running counter with programmable reload at overflow.
8.18.3
Basic timer operation
The Timer is a free-running up/down counter with a direction control bit. If the timer
counting direction is changed while the counter is running, the count sequence will be
reversed. The timer can be written or read at any time.
When a reload occurs, the CCU Timer Overflow Interrupt Flag will be set, and an
interrupt generated if enabled. The 16-bit CCU Timer may also be used as an 8-bit
up/down timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com