Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 4Page - NXP Semiconductors P89LPC932 Datasheet HTML 5Page - NXP Semiconductors P89LPC932 Datasheet HTML 6Page - NXP Semiconductors P89LPC932 Datasheet HTML 7Page - NXP Semiconductors P89LPC932 Datasheet HTML 8Page - NXP Semiconductors P89LPC932 Datasheet HTML 9Page - NXP Semiconductors P89LPC932 Datasheet HTML 10Page - NXP Semiconductors P89LPC932 Datasheet HTML 11Page - NXP Semiconductors P89LPC932 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
8 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P1.0 - P1.7
18, 17,
12, 11,
10, 6, 5,
4
14, 13, 8,
7, 6, 2, 1,
28
I/O, I [1] Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except
for three pins as noted below. During reset Port 1 latches are configured in
the input only mode with the internal pull-up disabled. The operation of the
configurable Port 1 pins as inputs and outputs depends upon the port
configuration selected. Each of the configurable port pins are programmed
independently. Refer to Section 8.12.1 “Port configurations” and Table 8 “DC
electrical characteristics” for details. P1.2 - P1.3 are open drain when used as
outputs. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
18
14
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for the serial port.
17
13
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for the serial port.
12
8
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain
when used as output).
I/O
SCL — I2C serial clock input/output.
11
7
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
10
6
I
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
62
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1.
When functioning as a reset input, a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0. Also used during a
power-on sequence to force In-System Programming mode.
5
1
I/O
P1.6 — Port 1 bit 6.
O
OCB — Output Compare B.
4
28
I/O
P1.7 — Port 1 bit 7.
O
OCC — Output Compare C.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description
TSSOP,
PLCC
HVQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com