Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 49Page - NXP Semiconductors P89LPC932 Datasheet HTML 50Page - NXP Semiconductors P89LPC932 Datasheet HTML 51Page - NXP Semiconductors P89LPC932 Datasheet HTML 52Page - NXP Semiconductors P89LPC932 Datasheet HTML 53Page - NXP Semiconductors P89LPC932 Datasheet HTML 54Page - NXP Semiconductors P89LPC932 Datasheet HTML 55Page - NXP Semiconductors P89LPC932 Datasheet HTML 56Page - NXP Semiconductors P89LPC932 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
53 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13. Package outline
Fig 28. PLCC28 package outline (SOT261-2).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
SOT261-2
112E08
MS-018
EDR-7319
19
25
28
1
4
511
18
12
26
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k
X
y
e
E
B
D
H
E
H
v M B
D
Z D
A
Z E
e
v M A
0
5
10 mm
scale
99-12-27
01-11-15
pin 1 index
PLCC28: plastic leaded chip carrier; 28 leads
SOT261-2
UNIT
β
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
1.27
2.16
45
o
0.18
0.1
0.18
DIMENSIONS (mm dimensions are derived from the original inch dimensions)
11.58
11.43
12.57
12.32
2.16
0.81
0.66
1.22
1.07
0.180
0.165
0.02
0.12
0.25
0.01
0.05
0.085
0.007 0.004
0.007
1.44
1.02
0.057
0.040
0.456
0.450
11.58
11.43
0.456
0.450
0.495
0.485
12.57
12.32
0.495
0.485
10.92
9.91
0.43
0.39
10.92
9.91
0.43
0.39
0.085
0.032
0.026
0.048
0.042
E
e
inches
D
e
A
A1
min.
A4
max.
bp
ey
w
v
D(1)
E(1)
HD
HE
ZD
(1)
max.
ZE
(1)
max.
b1
k
A3
Lp
eD
eE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com