Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 14Page - NXP Semiconductors P89LPC932 Datasheet HTML 15Page - NXP Semiconductors P89LPC932 Datasheet HTML 16Page - NXP Semiconductors P89LPC932 Datasheet HTML 17Page - NXP Semiconductors P89LPC932 Datasheet HTML 18Page - NXP Semiconductors P89LPC932 Datasheet HTML 19Page - NXP Semiconductors P89LPC932 Datasheet HTML 20Page - NXP Semiconductors P89LPC932 Datasheet HTML 21Page - NXP Semiconductors P89LPC932 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
18 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.2.6
Clock output
The P89LPC932 supports a user-selectable clock output function on the
XTAL2/CLKOUT pin when crystal oscillator is not being used. This condition occurs if
another clock source has been selected (on-chip RC oscillator, watchdog oscillator,
external clock input on X1) and if the Real-Time clock is not using the crystal
oscillator as its clock source. This allows external devices to synchronize to the
P89LPC932. This output is enabled by the ENCLK bit in the TRIM register.
The frequency of this clock output is 1
⁄
2 that of the CCLK. If the clock output is not
needed in Idle mode, it may be turned off prior to entering Idle, saving additional
power.
8.3 On-chip RC oscillator option
The P89LPC932 has a 6-bit TRIM register that can be used to tune the frequency of
the RC oscillator. During reset, the TRIM value is initialized to a factory
pre-programmed value to adjust the oscillator frequency to 7.373 MHz,
±2.5 %.
End-user applications can write to the TRIM register to adjust the on-chip RC
oscillator to other frequencies.
8.4 Watchdog oscillator option
The watchdog has a separate oscillator which has a frequency of 400 kHz. This
oscillator can be used to save power when a high clock frequency is not needed.
8.5 External clock input option
In this configuration, the processor clock is derived from an external source driving
the XTAL1/P3.1 pin. The rate may be from 0 Hz up to 12 MHz. The XTAL2/P3.0 pin
may be used as a standard port pin or a clock output.
Fig 6.
Block diagram of oscillator control.
÷2
002aaa515
RTC
CPU
WDT
DIVM
CCLK
UART
OSCCLK
I2C
PCLK
TIMER 0 and
TIMER 1
High freq.
Med. freq.
Low freq.
XTAL1
XTAL2
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz ±2.5%)
(400 kHz +20% -30%)
PCLK
RCCLK
SPI
CCU
32
× PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com