Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 13Page - NXP Semiconductors P89LPC932 Datasheet HTML 14Page - NXP Semiconductors P89LPC932 Datasheet HTML 15Page - NXP Semiconductors P89LPC932 Datasheet HTML 16Page - NXP Semiconductors P89LPC932 Datasheet HTML 17Page - NXP Semiconductors P89LPC932 Datasheet HTML 18Page - NXP Semiconductors P89LPC932 Datasheet HTML 19Page - NXP Semiconductors P89LPC932 Datasheet HTML 20Page - NXP Semiconductors P89LPC932 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
17 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Functional description
Remark: Please refer to the
P89LPC932 User’s Manual for a more detailed
functional description.
8.1 Enhanced CPU
The P89LPC932 uses an enhanced 80C51 CPU which runs at 6 times the speed of
standard 80C51 devices. A machine cycle consists of two CPU clock cycles, and
most instructions execute in one or two machine cycles.
8.2 Clocks
8.2.1
Clock definitions
The P89LPC932 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four
clock sources (see Figure 6) and can also be optionally divided to a slower frequency
(see Section 8.7 “CPU Clock (CCLK) modification: DIVM register”).
Note: fOSC is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per
machine cycle, and most instructions are executed in one to two machine cycles (two
or four CCLK cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK
⁄
2.
8.2.2
CPU clock (OSCCLK)
The P89LPC932 provides several user-selectable oscillator options in generating the
CPU clock. This allows optimization for a range of needs from high precision to lowest
possible cost. These options are configured when the FLASH is programmed and
include an on-chip watchdog oscillator, an on-chip RC oscillator, an oscillator using
an external crystal, or an external clock source. The crystal oscillator can be
optimized for low, medium, or high frequency crystals covering a range from 20 kHz
to 12 MHz.
8.2.3
Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
8.2.4
Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
8.2.5
High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 12 MHz. Ceramic
resonators are also supported in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com