Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 22Page - NXP Semiconductors P89LPC932 Datasheet HTML 23Page - NXP Semiconductors P89LPC932 Datasheet HTML 24Page - NXP Semiconductors P89LPC932 Datasheet HTML 25Page - NXP Semiconductors P89LPC932 Datasheet HTML 26Page - NXP Semiconductors P89LPC932 Datasheet HTML 27Page - NXP Semiconductors P89LPC932 Datasheet HTML 28Page - NXP Semiconductors P89LPC932 Datasheet HTML 29Page - NXP Semiconductors P89LPC932 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
26 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.16 Timers/counters 0 and 1
The P89LPC932 has two general purpose counter/timers which are upward
compatible with the standard 80C51 Timer 0 and Timer 1. Both can be configured to
operate either as timers or event counter. An option to automatically toggle the T0
and/or T1 pins upon timer overflow has been added.
In the ‘Timer’ function, the register is incremented every machine cycle.
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition
at its corresponding external input pin, T0 or T1. In this function, the external input is
sampled once during every machine cycle.
Timer 0 and Timer 1 have five operating modes (modes 0, 1, 2, 3 and 6). Modes 0, 1,
2 and 6 are the same for both Timers/Counters. Mode 3 is different.
8.16.1
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a divide-by-32 prescaler. In this mode, the Timer register is configured
as a 13-bit register. Mode 0 operation is the same for Timer 0 and Timer 1.
8.16.2
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register are used.
8.16.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter with automatic reload.
Mode 2 operation is the same for Timer 0 and Timer 1.
8.16.4
Mode 3
When Timer 1 is in Mode 3 it is stopped. Timer 0 in Mode 3 forms two separate 8-bit
counters and is provided for applications that require an extra 8-bit timer. When
Timer 1 is in Mode 3 it can still be used by the serial port as a baud rate generator.
8.16.5
Mode 6
In this mode, the corresponding timer can be changed to a PWM with a full period of
256 timer clocks.
8.16.6
Timer overflow toggle output
Timers 0 and 1 can be configured to automatically toggle a port output whenever a
timer overflow occurs. The same device pins that are used for the T0 and T1 count
inputs are also used for the timer toggle outputs. The port outputs will be a logic 1
prior to the first timer overflow when this mode is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com