Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 38Page - NXP Semiconductors P89LPC932 Datasheet HTML 39Page - NXP Semiconductors P89LPC932 Datasheet HTML 40Page - NXP Semiconductors P89LPC932 Datasheet HTML 41Page - NXP Semiconductors P89LPC932 Datasheet HTML 42Page - NXP Semiconductors P89LPC932 Datasheet HTML 43Page - NXP Semiconductors P89LPC932 Datasheet HTML 44Page - NXP Semiconductors P89LPC932 Datasheet HTML 45Page - NXP Semiconductors P89LPC932 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
42 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.27.3
ISP and IAP capabilities of the P89LPC932
Flash organization: The P89LPC932 program memory consists of eight 1 kB
sectors. Each sector can be further divided into 64-byte pages. In addition to sector
erase and page erase, a 64-byte page register is included which allows from
1 to 64 bytes of a given page to be programmed at the same time, substantially
reducing overall programming time. An In-Application Programming (IAP) interface is
provided to allow the end user’s application to erase and reprogram the user code
memory. In addition, erasing and reprogramming of user-programmable bytes
including UCFG1, the Boot Status Bit and the Boot Vector are supported. As shipped
from the factory, the upper 512 bytes of user code space contains a serial In-System
Programming (ISP) routine allowing for the device to be programmed in circuit
through the serial port.
Flash programming and erasing: There are three methods of erasing or
programming of the Flash memory that may be used. First, the Flash may be
programmed or erased in the end-user application by calling low-level routines
through a common entry point. Second, the on-chip ISP boot loader may be invoked.
This ISP boot loader will, in turn, call low-level routines through the same common
entry point that can be used by the end-user application. Third, the Flash may be
programmed or erased using the parallel method by using a commercially available
EPROM programmer which supports this device. This device does not provide for
direct verification of code memory contents. Instead, this device provides a 32-bit
CRC result on either a sector or the entire 8 kB of user code space.
Boot ROM: When the microcontroller programs its own Flash memory, all of the
low-level details are handled by code that is contained in a Boot ROM that is separate
from the Flash memory. A user program simply calls the common entry point in the
Boot ROM with appropriate parameters to accomplish the desired operation. The
Boot ROM include operations such as erase sector, erase page, program page, CRC,
program security bit, etc. The Boot ROM occupies the program memory space at the
top of the address space from FF00 to FEFF hex, thereby not conflicting with the user
program memory space.
Power-on reset code execution: The P89LPC932 contains two special Flash
elements: the Boot Vector and the Boot Status Bit. Following reset, the P89LPC932
examines the contents of the Boot Status Bit. If the Boot Status Bit is set to zero,
power-up execution starts at location 0000H, which is the normal start address of the
user’s application code. When the Boot Status Bit is set to a value other than zero, the
contents of the Boot Vector is used as the high byte of the execution address and the
low byte is set to 00H. The factory default setting is 01EH and corresponds to the
address 1E00H for the default ISP boot loader. This boot loader is pre-programmed
at the factory into this address space and can be erased by the user. Users who
wish to use this loader should take precautions to avoid erasing the 1 kB
sector from 1C00H to 1FFFH. Instead, the page erase function can be used to
erase the eight 64-byte pages located from 1C00H to 1DFFH. A custom boot
loader can be written with the Boot Vector set to the custom boot loader, if desired.
Hardware activation of the boot loader: The boot loader can also be executed by
forcing the device into ISP mode during a power-on sequence (see the
P89LPC932
User’s Manual for specific information). This has the same effect as having a
non-zero status byte. This allows an application to be built that will normally execute
user code but can be manually forced into ISP operation. If the factory default setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com