Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC932 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 25Page - NXP Semiconductors P89LPC932 Datasheet HTML 26Page - NXP Semiconductors P89LPC932 Datasheet HTML 27Page - NXP Semiconductors P89LPC932 Datasheet HTML 28Page - NXP Semiconductors P89LPC932 Datasheet HTML 29Page - NXP Semiconductors P89LPC932 Datasheet HTML 30Page - NXP Semiconductors P89LPC932 Datasheet HTML 31Page - NXP Semiconductors P89LPC932 Datasheet HTML 32Page - NXP Semiconductors P89LPC932 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
29 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.18.7
Alternating output mode
In asymmetrical mode, the user can set up PWM channels A/B and C/D as
alternating pairs for bridge drive control. In this mode the output of these PWM
channels are alternately gated on every counter cycle.
8.18.8
PLL operation
The PWM module features a Phase Locked Loop that can be used to generate a
CCUCLK frequency between 16 MHz and 32 MHz. At this frequency the PWM
module provides ultrasonic PWM frequency with 10-bit resolution provided that the
crystal frequency is 1 MHz or higher. The PLL is fed an input signal of 0.5 - 1 MHz
and generates an output signal of 32 times the input frequency. This signal is used to
clock the timer. The user will have to set a divider that scales PCLK by a factor of
1-16. This divider is found in the SFR register TCR21. The PLL frequency can be
expressed as shown in Equation 1.
(1)
Where: N is the value of PLLDV3:0.
Since N ranges in 0 - 15, the CCLK frequency can be in the range of PCLK to PCLK
⁄
16.
Fig 9.
Symmetrical PWM.
TOR2
COMPARE VALUE
TIMER VALUE
NON-INVERTED
INVERTED
002aaa535
0
Fig 10. Alternate output mode.
TIMER VALUE
002aaa536
0
TOR2
COMPARE VALUE A (or C)
COMPARE VALUE B (or D)
PWM OUTPUT A (or C) (P2.6)
PWM OUTPUT B (or D) (P1.6)
PLL frequency
PLCK
N1
+
()
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com