Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 21Page - National Semiconductor (TI) PC87591L Datasheet HTML 22Page - National Semiconductor (TI) PC87591L Datasheet HTML 23Page - National Semiconductor (TI) PC87591L Datasheet HTML 24Page - National Semiconductor (TI) PC87591L Datasheet HTML 25Page - National Semiconductor (TI) PC87591L Datasheet HTML 26Page - National Semiconductor (TI) PC87591L Datasheet HTML 27Page - National Semiconductor (TI) PC87591L Datasheet HTML 28Page - National Semiconductor (TI) PC87591L Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 437 page
background image
1.0 Introduction (Continued)
Revision 1.07
25
www.national.com
The Keyboard Controller and the EC functions (core and associated peripherals) are powered by VCC, which remains active
as long as the system has a power source (e.g., main battery or outlet). Using VCC, the core may be programed to monitor
and control the system even when the host processor is turned off. To support this, the PC87591x is equipped with advanced
means to control its power consumption: software controlled clock frequency throttling, the ability to disable modules, and
four power modes. These power modes include:
●
Active Mode - Full functionality
●
Active Mode Executing WAIT Instruction - Core execution and associated operations (such as memory access) are suspended
●
Idle - Main clock is stopped, but the device can be woken up by internal or external events. The system tick timer is
still operational and can be used to periodically wake up the device.
●
Power Off - VCC is absent and only backup battery is available to supply the Real Time Clock (RTC) and retain the
state of some memory and configuration elements.
1.2.3
Operating Environments
The PC87591x can operate in one of the following four environments:
●
Internal ROM Enabled (IRE). Used while the PC87591x operates in the production system and executes the appli-
cation. The on-chip flash or ROM is the main source of code for the device.
●
On-Board Development (OBD). Used to debug the PC87591x code while it is mounted on its final production board.
All pins have their IRE functionality. Interface to a debugger (running on the host) is through the JTAG-based debug-
ger interface. OBD environment is binary and cycle-by-cycle compatible with IRE environment.
●
Development (DEV). Used in Application Development Boards (ADB) or In System Emulators (ISE). In this environ-
ment, the on-chip flash or ROM is replaced with off-chip SRAM memory to allow flexible and fast development of ap-
plication code. Some pins are allocated to development system use, and the GPIO functions associated with them
are replicated using off-chip logic as part of the ADB system. DEV environment is binary and cycle-by-cycle compat-
ible with OBD and IRE environments.
●
Programing (PROG). Used to program the on-chip flash in parallel programers. No other operation is possible in this
environment.
1.3
INTERNAL ARCHITECTURE
The PC87591x consists of several main components divided into three groups:
●
Core Domain
— CR16B core processing unit
— Bus Interface Unit and Memory Controller (BIU)
— RAM and flash memory
— Core peripherals
●
Host Domain
— Host-Controlled functions
— Host Interface
●
Host-Controller Interface
The descriptions below detail the functions of the various blocks shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com