Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 38Page - National Semiconductor (TI) PC87591L Datasheet HTML 39Page - National Semiconductor (TI) PC87591L Datasheet HTML 40Page - National Semiconductor (TI) PC87591L Datasheet HTML 41Page - National Semiconductor (TI) PC87591L Datasheet HTML 42Page - National Semiconductor (TI) PC87591L Datasheet HTML 43Page - National Semiconductor (TI) PC87591L Datasheet HTML 44Page - National Semiconductor (TI) PC87591L Datasheet HTML 45Page - National Semiconductor (TI) PC87591L Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
42
Revision 1.07
2.2.1
ACCESS.bus (ACB1 and ACB2) Interface
2.2.2
Analog Interface
2.2.3
Clocks
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
SCL2-1
125,
121
169,
163
I/O INSM/OD2
VCC ACCESS.bus Serial Clock 1 and 2 Signals.
An internal pull-up for this pin is optional.
SDA2-1
126,
122
170,
164
I/O INSM/OD2
VCC ACCESS.bus Serial Data 1 and 2 Signals.An
internal pull-up for this pin is optional.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
AD9-0
70-61
94-93,
90-87,
84-81
IINAD
AVCC Analog to Digital Converter Inputs.
DA3-0
76-73
102-99
O
ODA
AVCC Digital to Analog Converter Outputs.
DP
69
93
O
ODI
AVCC Diode Anode. Remote diode current source.
Connected to remote discrete diode.
DN
70
94
I
INDI
AVCC Diode Cathode. Remote diode current sink.
Connected to remote discrete diode. Must be
grounded when not used.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
32KCLKIN
116
158
I
INT
VPP 32.768 KHz Clock Input.
32KX1
116
158
I
INOSC
VPP 32.768 KHz Crystal Oscillator Input. Input
from external crystal oscillator circuitry. See
Figure 113 on page 356.
32KX2
118
160
O
OOSC
VPP 32.768 KHz Crystal Oscillator Output. Output
to external crystal oscillator circuitry. See
Figure 113 on page 356.
CLK
N/A
47
O
O1/2
VCC Clock Output. PC87591x Core Domain system
clock. Available in all environments, in the
176-pin package option.
CLKOUT
3
1
O
O2/4
VCC Clock Output. This pin may output either the
32.768 KHz clock or the Core Domain system
clock (CLK). CLKM bit in MCFG register
selects the output clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com