Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 89Page - National Semiconductor (TI) PC87591L Datasheet HTML 90Page - National Semiconductor (TI) PC87591L Datasheet HTML 91Page - National Semiconductor (TI) PC87591L Datasheet HTML 92Page - National Semiconductor (TI) PC87591L Datasheet HTML 93Page - National Semiconductor (TI) PC87591L Datasheet HTML 94Page - National Semiconductor (TI) PC87591L Datasheet HTML 95Page - National Semiconductor (TI) PC87591L Datasheet HTML 96Page - National Semiconductor (TI) PC87591L Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
93
www.national.com
Device A Address Counter Register (ADCAn)
A double-word, read/write register. Holds the current address of either the source data item or the destination location, ac-
cording to DIR bit in DMACNTLn register. ADCAn is updated after each transfer cycle by INCAn, INCBn, ADA and ADB in
DMACNTLn register.
Location: Channel 0 - 00 FA0016
Channel 1 - 00 FA2016
Channel 2 - 00 FA4016
Channel 3 - 00 FA6016
Type: R/W
Device A Address Register (ADRAn)
A double-word, read/write register. Holds the starting address of either the next source data block, or the next destination data
area, according to DIR bit in DMACNTLn register.
Location: Channel 0 - 00 FA0416
Channel 1 - 00 FA2416
Channel 2 - 00 FA4416
Channel 3 - 00 FA6416
Type: R/W
Device B Address Counter Register (ADCBn)
A double-word, read/write register. Holds the current address of either the source data item, or the destination location, ac-
cording to DIR bit in DMACNTLn register. ADCBn is updated after each transfer cycle by INCAn, INCBn, ADA and ADB in
DMACNTLn register. In Direct (Fly-By) mode, this register is not used.
Location: Channel 0 - 00 FA0816
Channel 1 - 00 FA2816
Channel 2 - 00 FA4816
Channel 3 - 00 FA6816
Type: R/W
Device B Address Register (ADRBn)
A double-word, read/write register. Holds the starting address of either the next source data block or the next destination
data area, according to DIR bit in DMACNTLn register. In Direct (Fly-By) mode, this register is not used.
Location: Channel 0 - 00 FA0C16
Channel 1 - 00 FA2C16
Channel 2 - 00 FA4C16
Channel 3 - 00 FA6C16
Type: R/W
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
Name
Device A Address Counter
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
Name
Device A Address
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
Name
Device B Address Counter
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
Name
Device B Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com