Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 29Page - National Semiconductor (TI) PC87591L Datasheet HTML 30Page - National Semiconductor (TI) PC87591L Datasheet HTML 31Page - National Semiconductor (TI) PC87591L Datasheet HTML 32Page - National Semiconductor (TI) PC87591L Datasheet HTML 33Page - National Semiconductor (TI) PC87591L Datasheet HTML 34Page - National Semiconductor (TI) PC87591L Datasheet HTML 35Page - National Semiconductor (TI) PC87591L Datasheet HTML 36Page - National Semiconductor (TI) PC87591L Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 437 page
background image
1.0 Introduction (Continued)
Revision 1.07
33
www.national.com
1.5.1
Core Address Domain Memory Map
The memory and I/O devices are directly mapped into the 2 Mbyte address space of the core. The core address space can
include both code and data. However, access to data stored in the first 64 Kbytes of the address space is more efficient.
Most of the core code and constant data (including its boot section) is stored in the Base Memory. This memory is:
●
On-chip flash in IRE and OBD environments
●
Off-chip memories (SRAM or flash memory) in DEV environment
External memory may be added to the Base Memory to expand the amount of memory available for the application. The on-
chip RAM and various peripherals are also mapped into the core address space.
Tables 1 to 3 show how the PC87591x memory and I/O devices are mapped in the core address space. Appendix A on
page 408 shows the address map of the registers for the other modules.
Addresses not included in the following three tables or Appendix A are reserved. Attempts to access reserved addresses
produce unpredictable results
.
Table 1. PC87591S Memory Map
Address
Size
(Bytes)
Description
Purpose
Environment
00 000016 − 00 DFFF16
56K
Base Memory
IRE & OBD - Internal Flash
DEV - External Base Memory
00 E80016 − 00 F7FF16
4K
System RAM
00 F88016 − 00 F8FF16
Flash Control Registers1
00 F90016 − 00 F90A16
11
Shared BIOS and Security Registers1
1. See Appendix A on page 408 for details of the implemented registers.
00 F98016 − 00 F98F16
16
BIU Registers1
00 FA0016 − 00 FA7F16
DMA Controller Registers11
00 FB0016 − 00 FBFF16
256
I/O Expansion
00 FC0016 − 00 FFFF16
1K
On-chip Module Registers1
01 000016 − 01 FFFF16
64K
Base Memory (cont.)
IRE & OBD - Internal flash
DEV - External Base Memory
02 000016 − 0F FFFF16
896K
Reserved
IRE & OBD
Base Memory
DEV - External Base Memory
10 000016 − 1F FFFF16
1024K
Expansion Memory2
2. Available in 176-pin package only.
Figure 5. PC87591x Memory Domains
0
64K
0
4G
Mem
Space
0
2M
Core Address Domain
Host Address Domain
Host Domain Memory
Core Access to Host
End of Flash
External
Memory
Expansion
1M
I/O
Space
Controlled Functions
0
2M
External
Memory
Expansion
1M
4K
External
Memory
Expansion
PC87591L
PC87591E
PC87591S
(End of Core Memory
Wrap-Around 2M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com