Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 47Page - National Semiconductor (TI) PC87591L Datasheet HTML 48Page - National Semiconductor (TI) PC87591L Datasheet HTML 49Page - National Semiconductor (TI) PC87591L Datasheet HTML 50Page - National Semiconductor (TI) PC87591L Datasheet HTML 51Page - National Semiconductor (TI) PC87591L Datasheet HTML 52Page - National Semiconductor (TI) PC87591L Datasheet HTML 53Page - National Semiconductor (TI) PC87591L Datasheet HTML 54Page - National Semiconductor (TI) PC87591L Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
51
www.national.com
2.2.12 Mobile System Wake-Up Control (MSWC)
2.2.13 Timers and PWM
2.2.14 Universal Synchronous/Asynchronous Receiver/Transmitter (USART)
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
RING
123
165
I
INCS
VCC Telephone Line Ring. Detection of a pulse
train on this pin is a wake-up event that can
activate the power-up request (PWUREQ). The
pin has a Schmitt Trigger input buffer, powered
by VCC.
RI1
22
26
I
INTS
VCC Ring Indicator. When low, indicates that a
telephone ring signal has been received by the
modem. Ring signals are monitored during
power-off for wake-up event detection.
RI2
23
29
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
TA2
1
175
I/O
INT, O1/2
VCC Timer Pin A for Timers 2 and 1.
TA1
127
171
TB2
2
176
I
INT
VCC Timer Pin B for Timers 2 and 1.
TB1
128
172
PWM7-0
33-26
43,
40-36,
32-33
OO3/6
VCC PWM Output 7-0.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
UTXD
114
154
O
O2/4
VCC USART Transmit Data.
URXD
113
153
I
INT
VCC USART Receive Data.
USCLK
120
162
I/O
INCS/O2/4
VCC USART Serial Clock. May be used as input or
output when the USART is configured to
operate in its synchronous mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com