Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 64Page - National Semiconductor (TI) PC87591L Datasheet HTML 65Page - National Semiconductor (TI) PC87591L Datasheet HTML 66Page - National Semiconductor (TI) PC87591L Datasheet HTML 67Page - National Semiconductor (TI) PC87591L Datasheet HTML 68Page - National Semiconductor (TI) PC87591L Datasheet HTML 69Page - National Semiconductor (TI) PC87591L Datasheet HTML 70Page - National Semiconductor (TI) PC87591L Datasheet HTML 71Page - National Semiconductor (TI) PC87591L Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 437 page
background image
3.0 Power, Reset and Clocks (Continued)
www.national.com
68
Revision 1.07
3.3
CLOCK DOMAINS
The PC87591x has three clock domains, as shown in Table 12.
Core Domain Clock
The core clock is sourced by the HFCG. The following section gives an overview of the clock domain.
On VCC Power-Up reset, the HFCG is set to generate a 4 MHz clock. The HFCG frequency can be modified by core firm-
ware. See Section 4.18 on page 239.
On WATCHDOG reset (or Debugger interface reset), the HFCG is reset.
LPC Clock
The LPC interface is driven by the LCLK input. LCLK frequency can be up to 33 MHz. The clock CLKRUN signal may be
used as part of a power management scheme that slows the clock down; see “CLKRUN Functionality” on page 343.
RTC (32 KHz) Clock
The RTC clock is the reference for the generation of all other clocks in the PC87591x. The clock is enabled at VCC power-
up and is kept active while VPP is active. Keeping the RTC clock active significantly reduces the PC87591x wake-up time.
The RTC clock is used for time keeping in the RTC; it is also fed into the Power Management Controller (PMC), which pro-
vides the clock to other functions (such as TWD and ACM) that are active at all times (including Idle).
Table 12. PC87591x Clock Domains
Clock Domain
Frequency
Source
Usage
Core
See Section 4.18
on page 239
HFCG
Core domain and host-core interface
LPC
Up to 33 MHz
LPC clock input
LPC bus interface
RTC
32 KHz
Clock input or on-chip oscillator1
1. See Section 6.2.3 on page 356 and Section 6.2.4 on page 357.
RTC, HFCG, TWD, PMC, ACM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com