Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 96Page - National Semiconductor (TI) PC87591L Datasheet HTML 97Page - National Semiconductor (TI) PC87591L Datasheet HTML 98Page - National Semiconductor (TI) PC87591L Datasheet HTML 99Page - National Semiconductor (TI) PC87591L Datasheet HTML 100Page - National Semiconductor (TI) PC87591L Datasheet HTML 101Page - National Semiconductor (TI) PC87591L Datasheet HTML 102Page - National Semiconductor (TI) PC87591L Datasheet HTML 103Page - National Semiconductor (TI) PC87591L Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
100
Revision 1.07
INT8
Internal
Level-High
ADC interrupt (ADCI)
INT9
Internal
Level-High
ACCESS.bus 1 interrupt
INT10
Internal
Level-High
ACCESS.bus 2 interrupt
INT11
MIWU
Level-High
Internal Keyboard Scan Interrupt (KBSINT from MIWU) or
ACM Interrupt
INT12
Internal/MIWU
Level-High
MSWC interrupt through the MIWU
INT13
Internal/MIWU
Edge Rising
TWM system tick (T0OUT), through the MIWU2
INT14
External/MIWU
Level-High
SWIN input1, through the MIWU
INT15
Reserved
INT16
Internal
Level-High
USART Interrupt (TX Int OR RX int)
INT17
External/MIWU
Level-High
External Interrupt EXWINT24 through the MIWU1
INT18
Internal
Edge Falling
PS/2 shift mechanism (PSINT3)
INT19
Internal
Edge Falling
PS/2 shift mechanism (PSINT2)
INT20
Internal
Level High /
Edge Falling3
PS/2 shift mechanism (PSINT1)
INT21
External/MIWU
Level-High
External Interrupt EXWINT22 through the MIWU1
INT22
Internal
Level-High
MFT16 2 Interrupt (INT1 ORed with INT2)
INT23
Internal
Level-High
Flash I/F interrupt or
Shared Memory Interrupt
INT24
Internal
Level-High
Host I/F Keyboard/Mouse channel Input Buffer Full
INT25
Internal
Level-High
Host I/F Power Management channel 1 or channel 2 Input
Buffer Full
INT26
Reserved
INT27
Internal
Level-High
DMA Channel 0
INT28
Internal
Level-High
DMA Channel 1
INT29
Reserved
INT30
Reserved
INT31
External/MIWU
Level-High
External Interrupt EXWINT21 through the MIWU1
Highest
1. To enable the external interrupt, set the pin to its alternate function. When used as I/O port signals the External
interrupt input is forced to 0
2. When in Active mode, it is advised to disable the T0OUT channel of the MIWU, this saves the need to clear the
pending bit in the MIWU on each interrupt.
3. Falling Edge is enabled for this input when the PS/2 channel ‘Disabled Shift Mechanism Interrupts’ are enabled
(DSMIE in PSIEN register = 1)
Table 16. ICU Interrupt Assignments (Continued)
INT
Number
Source
Type
Details
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com