Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 98Page - National Semiconductor (TI) PC87591L Datasheet HTML 99Page - National Semiconductor (TI) PC87591L Datasheet HTML 100Page - National Semiconductor (TI) PC87591L Datasheet HTML 101Page - National Semiconductor (TI) PC87591L Datasheet HTML 102Page - National Semiconductor (TI) PC87591L Datasheet HTML 103Page - National Semiconductor (TI) PC87591L Datasheet HTML 104Page - National Semiconductor (TI) PC87591L Datasheet HTML 105Page - National Semiconductor (TI) PC87591L Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
102
Revision 1.07
Power Fail Interrupt Control and Status Register (PFAIL)
The PFAIL register holds the current value of the PFAIL signal and controls the NMI interrupt generation based on a falling
edge of the PFAIL signal. EN and ENLCK are cleared on reset. When writing to this register, all reserved bits must be written
with 0 for the device to function properly.
Location: 00 FE0416
Type: R/W
Interrupt Status Register 0 (ISTAT0)
This register indicates which maskable interrupts are pending regardless of the state of the corresponding IENA bits. ISTAT0
is cleared on reset.
Location: 00 FE0A16
Type: RO
Bit
76543210
Name
Reserved
ENLCK
PIN
EN
Reset
xxxx
0
0
x
0
Bit
Description
0
EN (PFAIL Interrupt Enable). An NMI interrupt is generated when this bit is set to 1 and the PFAIL signal
changes its value from high to low. The bit is cleared by hardware on reset and whenever the interrupt occurs
(i.e., when EXT bit in NMISTAT register is set). It can be set and cleared by software; however, software can set
this bit only when EXT is cleared. This bit is ignored when ENLCK is set.
0: No NMI interrupt generated
1: NMI interrupt generated
1
PIN (PFAILPin Value). Contains the current (non-inverted) PFAIL signal value. This bit is read only; data written to
it is ignored.
2
ENLCK PFAIL Interrupt Enable Lock. When this bit is set to 1, the external PFAIL feature is enabled and
locked; it cannot be cleared by software and can only be cleared by hardware on reset. After setting this bit, an
NMI interrupt is generated every time the PFAIL signal changes its value from high to low. Note that when
ENLCK is set, EN bit is ignored.
0: External PFAIL feature disabled
1: External PFAIL feature enabled and locked
7-3
Reserved.
Bit
15
14
13
12
11
10
9876543210
Name
IST15-0
Reset
0
000000000000000
Bit
Description
15-0
IST15-0 (Interrupt Status). Each bit indicates if an interrupt event was sent to the ICU; IST15 to IST0
correspond to INT15 to INT0, respectively. Since INT0 is not used, IST0 always reads 0. Each bit is encoded
as follows:
0: Interrupt input to ICU not pending
1: Interrupt input to ICU pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com