Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 66Page - National Semiconductor (TI) PC87591L Datasheet HTML 67Page - National Semiconductor (TI) PC87591L Datasheet HTML 68Page - National Semiconductor (TI) PC87591L Datasheet HTML 69Page - National Semiconductor (TI) PC87591L Datasheet HTML 70Page - National Semiconductor (TI) PC87591L Datasheet HTML 71Page - National Semiconductor (TI) PC87591L Datasheet HTML 72Page - National Semiconductor (TI) PC87591L Datasheet HTML 73Page - National Semiconductor (TI) PC87591L Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 437 page
background image
4.0 Embedded Controller Modules (Continued)
www.national.com
70
Revision 1.07
Table 13. Bus Cycles of a 16-Bit Data Bus
Table 14. Bus Cycles of an 8-Bit Data Bus
On write cycles of a single byte, the remaining eight bits of the bus are floating.
On read cycles of a single byte, the remaining eight bits of the bus are ignored. There is no need for external pull-up resistors.
Clock and Bus Cycles
There are two types of bus cycles: data transfer and non-data transfer. Data transfer bus cycles cause transfer of data from
or to the memory device. Non-data transfer bus cycles (described in Section 4.1.9 on page 81) are used for observability of
internal bus transactions and do not involve data transfer from or to external devices.
There are four types of data transfer bus cycles:
●
Early write
●
Late write
●
Normal read
●
Fast read
The BIU uses EWR configuration bit in BCFG register to select the early or late write data transfer bus cycle. It uses FRE in
SZCFGn register (where “n” refers to zone 0, 1 or 2) to select normal read or fast read data transfer bus cycles.
The basic late write bus cycle takes two clock cycles. The basic early write bus cycle takes three clock cycles. When the BIU
uses the early write bus cycle, the RD signal is not required for interfacing with the memory device (with the exception of
flash). On reset, the early write bus cycle is configured.
The basic normal read bus cycle takes two clock cycles. Fast read bus cycle always takes one clock cycle. On reset, the
normal read bus cycle is configured.
Notes:
1. In the descriptions that follow, the “n” in SELn signal refers to two of the three available BIU select signals (numbered 0
or 1, corresponding to zone 0 or zone 1 respectively). The third signal is labelled SELIO.
2. For all timing diagrams, the value of BST0-2 depends on the type of core bus transaction.
3. In the following paragraphs, SZCFGn refers to three of the four BIU zone configuration registers (n = 0, 1 or 2) - the fourth
configuration register is labelled IOCFG.
Number of
Bytes
Transferred Core
Bus Bytes
Address (LSB)
Data Bus Pins
1
B0
0
0-7
1
B1
1
8-15
2
B1
B0
0
0-15
2
B1
1
8-15
B0
Then 0
0-7
Number of
Bytes
Transferred Core
Bus Bytes
Address (LSB)
Data Bus Pins
1
B0
0
0-7
1
B1
1
0-7
2
B0
0
0-7
B1
Then 1
0-71
1. Burst bus cycle, if burstable; otherwise, the core transaction is
broken into “basic” bus cycles.
2
B1
1
0-7
B0
Then 0
0-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com