Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 53Page - National Semiconductor (TI) PC87591L Datasheet HTML 54Page - National Semiconductor (TI) PC87591L Datasheet HTML 55Page - National Semiconductor (TI) PC87591L Datasheet HTML 56Page - National Semiconductor (TI) PC87591L Datasheet HTML 57Page - National Semiconductor (TI) PC87591L Datasheet HTML 58Page - National Semiconductor (TI) PC87591L Datasheet HTML 59Page - National Semiconductor (TI) PC87591L Datasheet HTML 60Page - National Semiconductor (TI) PC87591L Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
57
www.national.com
176
IOPK0
I/O
Core BIU
A8
DEV Env. or
MCFG.
ENEMEM=1
176
IOPK1
I/O
A9
176
IOPK2
I/O
A10
176
IOPK3
I/O
A11
176
IOPK4
I/O
A12
176
IOPK5
I/O
A13_BE0
176
IOPK6
I/O
A14_BE1
176
IOPK7
I/O
A15_CBRD
176
IOPL0
I/O
A16
176
IOPL1
I/O
A17
176
IOPL2
I/O
A18
176
IOPL3
I/O
A19
176
IOPL4
I/O
WR1
DEV Env. or
(MCFG.
ENEMEM=1
and MCFG.
EXMEM16=1)
176
IOPM0
I/O
D8
176
IOPM1
I/O
D9
176
IOPM2
I/O
D10
176
IOPM3
I/O
D11
176
IOPM4
I/O
D12
176
IOPM5
I/O
D13
176
IOPM6
I/O
D14
176
IOPM7
I/O
D15
128/176
ADC Voltage
AD9
ADCCNF. REM-
DEN=0
ADC Temp
DN
ADCCNF.
REMDEN=1
128/176
AD8
DP
1. GA20 is implemented using the GPIO.
2. RESET2 use is orthogonal to the other alternate functions and is determined by the setting in the on-chip flash
Protection Word (see Section 4.16.6 on page 226), although it is recommended to use it in conjunction with an
interrupt on the same pin. See “Using RESET2 Input” on page 67.
Table 8. Alternate Function Selection (Continued)
PKG
GPIO
Alternate Function 1
Alternate Function 2
128/176 Name
Type
Module
Signal Name
Select
Module
Signal Name
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com