Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 50Page - National Semiconductor (TI) PC87591L Datasheet HTML 51Page - National Semiconductor (TI) PC87591L Datasheet HTML 52Page - National Semiconductor (TI) PC87591L Datasheet HTML 53Page - National Semiconductor (TI) PC87591L Datasheet HTML 54Page - National Semiconductor (TI) PC87591L Datasheet HTML 55Page - National Semiconductor (TI) PC87591L Datasheet HTML 56Page - National Semiconductor (TI) PC87591L Datasheet HTML 57Page - National Semiconductor (TI) PC87591L Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
54
Revision 1.07
Strap Pin Status Register (STRPST)
The STRPST register is a byte-wide, read-only register. It enables the software to read the value set to strap pins during
Power-Up reset. STRPST bits provide the value of their respective strap input. See Table 7 for bit details.
Location: 00 FF1216
Type: RO
Reset Value: According to external straps
2.4
ALTERNATE FUNCTIONS
2.4.1
GPIO with Alternate Functions
The PC87591x uses the GPIO port pins to multiplex functions, thereby maximizing the device’s flexibility. Table 8 lists all the
pins with such alternate functions and summarizes their selection criteria. To select alternate pin functions, strap inputs flash
memory and configuration registers are used as follows:
●
The ports’ Alternate Function Control register controls the IOPA, IOPB, IOPC, IOPD, IOPE and IOPF pins. Each of
the ports’ pins may be used as a GPIO port or its alternate function, based on the setting of the corresponding bit in
PxALT register.
●
The environment setting and MCFG bits control port IOPH, IOPI, IOPJ, IOPK, IOPL and IOPM pins. In IRE and OBD
environments, these pins may function either as GPIO or their alternate function (as indicated in the table). In DEV
environment, they all function as their alternate functions.
●
Interrupts may be enabled together with the use of the pin as input or with its alternate function when the alternate
function is an input. Enabling the interrupt input is done via the port’s alternate function or the respective bit in EICFG
register.
●
Strap inputs and their associated internal pull-down resistor function during VCC Power-Up reset.
●
The Protection Word in the flash configures the use of RESET2 input.
When a pin is used as GPIO and not as its alternate function, disable the alternate function in the relevant module’s register.
Note: In Table 8, the PKG column shows pins available in both 128- and 176-pin packages and pins available only in 176-
pin packages.
Bit
76543210
Name
Reserved
BADDR1
BADDR0
SHBM
Reset
Table 8. Alternate Function Selection
PKG
GPIO
Alternate Function 1
Alternate Function 2
128/176 Name
Type
Module
Signal Name
Select
Module
Signal Name
Select
128/176 IOPA0
I/O
PWM
PWM0
PAALT.0
128/176 IOPA1
I/O
PWM1
PAALT.1
128/176 IOPA2
I/O
PWM2
PAALT.2
128/176 IOPA3
I/O
PWM3
PAALT.3
128/176 IOPA4
I/O
PWM4
PAALT.4
128/176 IOPA5
I/O
PWM5
PAALT.5
128/176 IOPA6
I/O
PWM6
PAALT.6
128/176 IOPA7
I/O
PWM7
PAALT.7
128/176 IOPB0
I/O
USART
URXD
PBALT.0
128/176 IOPB1
I/O
UTXD
PBALT.1
128/176 IOPB2
I/O
USCLK
PBALT.2
128/176 IOPB3
I/O
ACCESS.bus
SCL1
PBALT.3
128/176 IOPB4
I/O
SDA1
PBALT.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com