Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 79Page - National Semiconductor (TI) PC87591L Datasheet HTML 80Page - National Semiconductor (TI) PC87591L Datasheet HTML 81Page - National Semiconductor (TI) PC87591L Datasheet HTML 82Page - National Semiconductor (TI) PC87591L Datasheet HTML 83Page - National Semiconductor (TI) PC87591L Datasheet HTML 84Page - National Semiconductor (TI) PC87591L Datasheet HTML 85Page - National Semiconductor (TI) PC87591L Datasheet HTML 86Page - National Semiconductor (TI) PC87591L Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 437 page
background image
4.0 Embedded Controller Modules (Continued)
Revision 1.07
83
www.national.com
4.1.10 BIU Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
BIU Register Map
BIU Configuration Register (BCFG)
The BCFG register controls the configuration of common features to all zones. On reset, this register is initialized to 0716.
Location: Index 00 F98016
Type: R/W
Mnemonic
Register Name
Type
BCFG
BIU Configuration
R/W
IOCFG
I/O Zone Configuration
R/W
SZCFGn
Static Zone Configuration
R/W
Bit
76543210
Name
Reserved
ISTL
OBR
EWR
Reset
00000111
Bit
Description
0
EWR (Early Write).
0: Late write
1: Early write
1
OBR (Observability). Determines if the address and status of internal accesses are observable.
0: Not observable (no toggle of external buses)
1: Observable (external buses toggle)
2
ISTL (Internal Stall). Determines if the internal bus is stalled while the BIU is busy.
0: Internal bus activity not stalled when BIU is busy
1: Stall internal bus activity when the external bus is busy
7-3
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com