Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 94Page - National Semiconductor (TI) PC87591L Datasheet HTML 95Page - National Semiconductor (TI) PC87591L Datasheet HTML 96Page - National Semiconductor (TI) PC87591L Datasheet HTML 97Page - National Semiconductor (TI) PC87591L Datasheet HTML 98Page - National Semiconductor (TI) PC87591L Datasheet HTML 99Page - National Semiconductor (TI) PC87591L Datasheet HTML 100Page - National Semiconductor (TI) PC87591L Datasheet HTML 101Page - National Semiconductor (TI) PC87591L Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
98
Revision 1.07
4.3
INTERRUPT CONTROL UNIT (ICU)
The ICU has 31 channels. It interfaces between the different modules’ interrupt requests and external interrupt requests and
also generates the core interrupt. It generates both maskable and non-maskable interrupts. The ICU has a predetermined
scheme that allocates priority.
4.3.1
Features
Non-Maskable Interrupts (NMI)
●
Gathers all edge-triggered non-maskable interrupt sources
— External Power Fail (PFAIL) interrupt source
●
Holds the status of the current pending NMI requests
●
Generates non-maskable interrupt (NMI) to the core
Maskable Interrupts
●
31 active high-level or edge-triggered interrupt sources
●
Core vectored interrupt mode
●
Fixed priority among interrupt sources
●
Individual enable/disable for each interrupt source
●
Polling support by an interrupt status register
●
Clear registers for edge-triggered interrupts
4.3.2
Non-Maskable Interrupt (NMI)
The Interrupt Control Unit (ICU) gathers external non-maskable interrupt (NMI) sources and generates an NMI interrupt to
the core when required.
External NMI Inputs
The ICU processes the PFAIL signal to send to the CR16B NMI input.
Non-Maskable Interrupt Processing
The CR16B core performs an “Interrupt Acknowledge” bus cycle when beginning to process a non-maskable interrupt. The
address associated with this core bus cycle is within the internal core address space and may be monitored as a Core Bus
Monitoring (CBM) clock cycle. For additional details, see “Core Bus Monitoring” on page 82 and Section 4.20.6 on page 273.
After reset, NMI is disabled and must remain disabled until the software initializes the interrupt table, interrupt base and the
interrupt mode.
The PFAIL interrupt is enabled by setting ENLCK bit and remains enabled until a reset occurs. This allows the external NMI
feature to be enabled only after the Interrupt Base Register (IMASK) and the Interrupt Stack Pointer (ISP), in the core, have
been set up.
Alternatively, the external PFAIL interrupt can be enabled by setting EN bit, which remains enabled until an interrupt event
or a reset occurs. The NMISTAT register holds the status of the current pending NMI request. When the bit in NMISTAT is
set to 1, an NMI request to the core is issued. NMISTAT is cleared each time its contents are read. NMI handlers must read
the NMISTAT register to allow new NMI events to occur.
Note that PFAIL status bit in NMISTAT register may be set as a result of transient enable conditions on PFAIL. To avoid an
interrupt to the core, after configuring the PFAIL input for operation, read the NMISTAT register and then enable PFAIL by
writing 1 to EN bit in PFAIL register.
PFAIL Input
The PFAIL signal is an asynchronous input with Schmitt trigger characteristics and an internal synchronization circuit; there-
fore, no external synchronizing circuit is needed. The PFAIL signal generates an interrupt on its falling edge.
4.3.3
Maskable Interrupts
The ICU receives level or edge-triggered interrupt request signals from 31 sources and generates a vectored interrupt to the
CR16B core when required. Priority among the interrupt sources (named INT1 to INT31) is fixed. Each interrupt source can
be individually enabled or disabled under software control through:
●
ICU interrupt enable registers
●
Interrupt enable bits in the peripherals that request the interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com