Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 26Page - National Semiconductor (TI) PC87591L Datasheet HTML 27Page - National Semiconductor (TI) PC87591L Datasheet HTML 28Page - National Semiconductor (TI) PC87591L Datasheet HTML 29Page - National Semiconductor (TI) PC87591L Datasheet HTML 30Page - National Semiconductor (TI) PC87591L Datasheet HTML 31Page - National Semiconductor (TI) PC87591L Datasheet HTML 32Page - National Semiconductor (TI) PC87591L Datasheet HTML 33Page - National Semiconductor (TI) PC87591L Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 437 page
background image
1.0 Introduction (Continued)
www.national.com
30
Revision 1.07
See Figure 1 on page 24 for a system example in IRE environment. In this environment, the ENV0, ENV1 and TRIS strap
pins do not need any external pull-up resistors.
1.4.2
OBD Environment
OBD environment is used for debugging the PC87591x firmware while it is mounted on its final production board. All pins
have their IRE functionality, and the interface to a debugger running on the host is enabled using the JTAG based debugger
interface. In OBD Environment, code is executed from the on-chip flash memory. Breakpoints on data and code access may
be applied using the core hardware breakpoint mechanism. The monitor stored in the on-chip flash is used as part of the
debugging environment. Erasing and reprograming the flash is enabled through the JTAG-based debugger interface.
OBD environment is binary and cycle-by-cycle compatible with IRE environment.
See Figure 3 on page 31 for a system example in OBD environment. In this environment, the ENV0 and TRIS strap pins are
left unconnected, and ENV1 requires an external pull-up resistor. If the flash Contents Protect bit in the protection word is
cleared (0), the PC87591x remains reset until the bit is set; see Section 4.16.6 on page 226.
1.4.3
DEV Environment
DEV environment is used in Application Development Boards (ADBs) or In System Emulators (ISEs). It may only be used
when the chip is packed in its 176-pin package. In this mode, the on-chip flash is replaced with off-chip SRAM memory to
allow flexible and fast development of application code. Some pins are allocated for development system use, and the GPIO
functions associated with the pins are replicated using off-chip logic as part of the ADB system. DEV environment is binary
and cycle-by-cycle compatible with OBD and IRE environments.
In this environment, the pins of ports PH, PI, PJ, PK, PL and PM are allocated for the interface to the off-chip Base Memory,
core status signals, reset output and a breakpoint input. The system may regain these ports using the I/O Expansion protocol
and off-chip logic, while maintaining cycle-by-cycle and binary compatibility with IRE and OBD environments. Using the
same software, this environment is binary and cycle-by-cycle compatible with IRE and OBD environments. All features of
IRE environment can be implemented either directly or by using additional external logic.
See Figure 4 on page 32 for a system example in DEV environment. In this environment, the ENV0 strap pin needs an ex-
ternal pull-up resistor and the ENV1 and TRIS pins are left unconnected. If the flash Contents Protect bit in the protection
word is cleared (0), the PC87591x remains reset until the bit is set; see Section 4.16.6 on page 226.
1.4.4
PROG Environment
PROG environment is used to program the on-chip flash. It can be used to program the on-chip flash with an external flash
programer. In PROG environment, the PC87591x remains reset indefinitely, I/O pins are allocated for the on-chip flash in-
terface ports and the on-chip flash interface is accessible directly through the I/O pins.
In this environment, both ENV0 and ENV1 strap pins need an external pull-up resistor. The TRIS pin can be either left un-
connected or connected to a pull-down resistor.
1.5
MEMORY MAP
The PC87591x has two address domains: core and host. The host address space is composed of the host I/O address space
and the host memory space. Section 1.5.1 discusses the mapping of memories and peripherals into the core address space.
Figure 5 illustrates the memory map and the shared access schemes that are possible. Section 1.5.2 discusses the mapping
of the host address space and ways of accessing it. The PC87591x enables several memories in the core address space
to have restricted access to the host. These memories are referred to as “shared memory” or “shared BIOS”. In addition, the
core can access the Host Controlled Functions. Section 1.5.2 and Section 1.5.3 discuss these instances of cross-domain
access, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com