Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 58Page - National Semiconductor (TI) PC87591L Datasheet HTML 59Page - National Semiconductor (TI) PC87591L Datasheet HTML 60Page - National Semiconductor (TI) PC87591L Datasheet HTML 61Page - National Semiconductor (TI) PC87591L Datasheet HTML 62Page - National Semiconductor (TI) PC87591L Datasheet HTML 63Page - National Semiconductor (TI) PC87591L Datasheet HTML 64Page - National Semiconductor (TI) PC87591L Datasheet HTML 65Page - National Semiconductor (TI) PC87591L Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 437 page
background image
www.national.com
62
Revision 1.07
3.0
Power, Reset and Clocks
3.1
POWER
3.1.1
Power Planes
The PC87591x has four power planes (wells), as shown in Table 10.
Table 10. PC87591x Power Planes
For correct PC87591x operation, VCC must be applied whenever VDD is applied. Apply AVCC at the same time that VCC is
applied, protection is provided against rise-time differences only.
3.1.2
Power States
The PC87591x has three main power states:
●
Battery Fail
Host Domain, Suspend, Analog and Battery Backed power planes are all powered off (i.e., in this case VDD,VCC,
AVCC and VBAT are all inactive).
●
Power Fail
Host Domain, Suspend and Analog power planes are powered off. Battery Backed power plane is powered on (i.e.,
in this case VDD,VCC and AVCC are inactive; VBAT is active).
●
Power Applied
Suspend, Analog and Battery Backed power planes are powered on, Host Domain power plane may be on or off (i.e.,
in this case VCC,AVCC are active, VBAT and VDD may be active or inactive).
The Power Applied state has several sub-states, depending on the domain:
— The host domain has Host Power On and Host Power Off states, according to the VDD status;
— The core domain and host-core interface have Active and Idle states. For details, see Section 4.17 on page 235.
The following power states are illegal:
●
Host domain on and Suspend and/or Analog off (i.e., VDD active and VCC and/or AVCC are inactive).
●
Suspend on and Analog off (i.e., VCC active and AVCC inactive) and vice-versa.
Power Plane
Description
Power Pins Ground Pins
Host Domain
Powers the LPC interface and host controlled
functions (except for RTC and MSWC) and
some external signals1
1. See the tables in Section 2.2.1 on page 42 to Section 2.2.13, specifically the Power Well
column, for how the PC87591x external interface signals are assigned to various power
planes.
VDD
GND
Suspend
Powers the core domain, the host-core interface,
the MSWC and their external signals1
VCC
GND
Analog
Powers some internal analog circuits and their
external signals1
AVCC
AGND
Battery Backed
Powers the RTC, some MSWC registers, the
32.768 KHz clock/crystal oscillator signals and
some other storage elements that should be
preserved at all times1
VPP
2
2. VPP is an internal power signal derived from VCC or VBAT. VPP is taken from VCC if it is
greater than the minimum value defined; otherwise, VBAT is used as the VPP source. For
more details on the switching between them, refer to Section 6.2.9 on page 360.
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com