Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 49Page - National Semiconductor (TI) PC87591L Datasheet HTML 50Page - National Semiconductor (TI) PC87591L Datasheet HTML 51Page - National Semiconductor (TI) PC87591L Datasheet HTML 52Page - National Semiconductor (TI) PC87591L Datasheet HTML 53Page - National Semiconductor (TI) PC87591L Datasheet HTML 54Page - National Semiconductor (TI) PC87591L Datasheet HTML 55Page - National Semiconductor (TI) PC87591L Datasheet HTML 56Page - National Semiconductor (TI) PC87591L Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
53
www.national.com
2.3
STRAP PINS
During VCC Power-Up reset, the ENV(0-1), TRIS, SHBM and BADDR strap input signals are sampled. Internal pull-down
resistors set these signals to 0. These resistors are active only during VCC Power-Up reset. An external 10 KΩ resistor con-
nected to VCC may be used to set them to 1.
Setting the Environment
ENV0 and ENV1 determine the operating environment. Table 6 shows the settings allowed. Pulling both ENV0 and ENV1
to 1 produces unpredictable results. In IRE and OBD environments, the TRIS strap input may be used for floating all the
device signals. In other cases it should be kept low.
Figures 1 on page 24, 3 on page 31 and 4 on page 32 demonstrate how to use the ENV0-1 signals to configure the
PC87591x for IRE, OBD and DEV environments, respectively.
Other Strap Pin Settings
Table 7 provides brief descriptions of other strap inputs. For details on SHBM and TRIS, see Section 5.3 on page 297 and
Section 4.20.4 on page 272, respectively.
System Load on Strap Pins
The loads on the strap pins should not cause the voltage on them to drop below VIH when the pins should be high (1), or to
rise above VIL when they should be low (0). See Section 7.3.2 on page 377.
If the load caused by the system on the strap pins exceeds 10
µA, use either an external pull-down resistor to keep the pin
at 0 or a pull-up resistor with lower resistance to keep the pin at 1.
To reduce power consumption, in Idle mode, pins with strap inputs on them and a signal function other than GPIO are put
in TRI-STATE or drive the strap-pin value. For pins with strap inputs that function as GPIO, it is recommended that the ap-
plication drive the strap value as output to the value defined by the strap pin. For pins with strap and address line function-
ality, when the address configuration is enabled, the signal is driven by the hardware to its strap value on reset.
Table 6. Environment Pin Settings
Environment
ENV0
ENV1
TRIS
IRE
0
0
01
1. When set to 1, the PC87591x is put in TRI-STATE
mode.
OBD
0
1
01
DEV
1
0
0
PROG
1
1
0
Table 7. Other Strap Pin Settings
Strap Pin
Internal Pull-Down (0)
External Pull-Up (1)
BADDR1-0 SuperI/O Configuration Base Address see Table 47 on page 335
SHBM
Disables shared memory with host BIOS
Enables shared memory with host BIOS
TRIS
Normal operation
While in IRE and OBD environments, causes PC87591x to
float its output and I/O signals for system test purposes
and clip-on ISE use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com