Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 44Page - National Semiconductor (TI) PC87591L Datasheet HTML 45Page - National Semiconductor (TI) PC87591L Datasheet HTML 46Page - National Semiconductor (TI) PC87591L Datasheet HTML 47Page - National Semiconductor (TI) PC87591L Datasheet HTML 48Page - National Semiconductor (TI) PC87591L Datasheet HTML 49Page - National Semiconductor (TI) PC87591L Datasheet HTML 50Page - National Semiconductor (TI) PC87591L Datasheet HTML 51Page - National Semiconductor (TI) PC87591L Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
48
Revision 1.07
2.2.7
Host Interface
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
CLKRUN
21
25
I/O INPCI/OD6
VDD Clock Run. Same as PCI CLKRUN. When
high, indicates that the LPC clock will be slowed
down or stopped. In this case, the PC87591x
may pull it down to request full speed of the
clock.
GA20
5
5
O
O1/2
VCC Gate A20. Implemented using IOPB5 port
output. See Section 5.5.4 on page 322 for
signal operation and behavior when VDD is
down.
KBRST
6
6
O
O1/2
VCC Keyboard Reset Output. See Section 5.5.4
on page 322 for signal operation and behavior
when VDD is down.
LAD0-3
10-13
15-13,
10
I/O INPCI/OPCI VDD LPC Address-Data. Multiplexed command,
address bidirectional data and cycle status.
LCLK
16
18
I
INPCI
VDD LPC Clock. Practically the PCI clock (up to 33
MHz).
ECSCI
25
31
O
O2/12
VCC EC SCI. Generates an Embedded Controller
SCI interrupt to the chipset. This signal is
typically connected to one of the chipset GPI
inputs.
LDRQ
8
8
O
OPCI
VDD LPC DMA Request. Encoded Bus Master
request for LPC I/F.
LFRAME
9
9
I
INPCI
VDD LPC Frame. Low pulse indicates the beginning
of a new LPC cycle or the termination of a
broken cycle.
LPCPD
20
24
I
INPCI
VCC Power Down. Indicates that power will be shut
off on the LPC interface.
RESET1
17
19
I
INPCI
VCC Reset 1. A falling edge on this signal starts a
reset sequence of the PC87591x. For details,
see details in Section 3.2 on page 65.
RESET2
24/123 30/165
I
INCS
VDD Reset 2. A level low reset to the LPC interface
and Host Controlled Functions configuration
registers and Shared Memory host registers.
For details, see Section 3.2 on page 65.
RESET2 is either assigned to one of two
optional pins or it is disabled, as defined in the
protection words stored in the flash memory.
See Section 2.4.1 on page 54 and
Section 4.16.6 on page 226 for the
configuration of this signal.
PWUREQ
19
23
O
O1/2
VCC Power-Up Request.
SERIRQ
7
7
I/O INPCI/OPCI VDD Serial IRQ. The interrupt requests are
serialized over a single pin, where each IRQ
level is delivered during a designated time slot.
SMI
18
22
I/O INTS/OD12 VCC System Management Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com