Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 81Page - National Semiconductor (TI) PC87591L Datasheet HTML 82Page - National Semiconductor (TI) PC87591L Datasheet HTML 83Page - National Semiconductor (TI) PC87591L Datasheet HTML 84Page - National Semiconductor (TI) PC87591L Datasheet HTML 85Page - National Semiconductor (TI) PC87591L Datasheet HTML 86Page - National Semiconductor (TI) PC87591L Datasheet HTML 87Page - National Semiconductor (TI) PC87591L Datasheet HTML 88Page - National Semiconductor (TI) PC87591L Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 437 page
background image
4.0 Embedded Controller Modules (Continued)
Revision 1.07
85
www.national.com
Static Zone Configuration Register (SZCFGn)
The SZCFGn register (where n = 0, 1 or 2) controls the configuration of zone n. On reset, SZCFGn is initialized to 069F16.
Location: Zone 0 - 00 F98416
Zone 1 - 00 F98616
Zone 2 - 00 F98816
Type: R/W
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
FRE IPRE IPST
Res
BW
WBR BRE
HOLD
WAIT
Reset
0000011010011111
Bit
Description
2-0
WAIT. Number of TIW clock cycles that extend the bus cycle. Ignored when bit 11 (FRE) of this register is set
to 1.
Bits
2 1 0
Number
0 0 0:
None
0 0 1:
One
0 1 0:
Two
0 1 1:
Three
1 0 0:
Four
1 0 1:
Five
1 1 0:
Six
1 1 1:
Seven
4-3
HOLD. Number of Thold clock cycles.
Bits
4 3
Number
0 0:
None
0 1:
One
1 0:
Two
1 1:
Three
5
BRE (Burst Read Enable). Ignored when bit 11 (FRE) of this register is set to 1.
0: Disabled
1: Enabled
6
WBR (Wait on Burst Read). Determines if a wait state (TBW) is added on a burst read transaction.
0: No TBW
1: TBW
7
BW (Bus Width). Sets the external bus width used for the I/O zone. It is initialized during reset to its default
value.
0: 8-bit bus
1: 16-bit bus (default)
8
Reserved.
9
IPST (Idle After Bus Cycle). Determines if an idle cycle follows the current bus cycle when the next bus cycle
is in a different zone.
0: No idle cycle inserted
1: Idle cycle inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com