Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 30Page - National Semiconductor (TI) PC87591L Datasheet HTML 31Page - National Semiconductor (TI) PC87591L Datasheet HTML 32Page - National Semiconductor (TI) PC87591L Datasheet HTML 33Page - National Semiconductor (TI) PC87591L Datasheet HTML 34Page - National Semiconductor (TI) PC87591L Datasheet HTML 35Page - National Semiconductor (TI) PC87591L Datasheet HTML 36Page - National Semiconductor (TI) PC87591L Datasheet HTML 37Page - National Semiconductor (TI) PC87591L Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 437 page
background image
1.0 Introduction (Continued)
www.national.com
34
Revision 1.07
Table 2. PC87591E Memory Map
Table 3. PC87591L Memory Map
Register Abbreviations and Access
The following abbreviations are used to indicate the Register Type:
●
R/W= Read/Write
●
R= The Read portion of a register, where a read from a specific address returns the value of a specific register; a
write to the same address is to a different register.
●
W= The Write portion of a register as described above for ‘R’.
●
RO= Read Only
●
WO= Write Only
●
R/W1C= Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
Address
Size
(Bytes)
Description
Purpose
Environment
00 000016 − 00 DFFF16
56K
Base Memory
IRE & OBD - Internal Flash
DEV - External Base Memory
00 F00016 − 00 F7FF16
2K
System RAM
00 F88016 − 00 F8FF16
Flash Control Registers1
00 F90016 − 00 F90A16
11
Shared BIOS and Security Registers1
1. See Appendix A on page 408 for details of the implemented registers.
00 F98016 − 00 F98F16
16
BIU Registers1
00 FA0016 − 00 FA7F16
DMA Controller Registers11
00 FB0016 − 00 FBFF16
256
I/O Expansion
00 FC0016 − 00 FFFF16
1K
On-chip Module Registers1
01 000016 − 0F FFFF16 960K Reserved
IRE & OBD
Base Memory
DEV - External Base Memory
10 000016 − 1F FFFF16 1024K Expansion Memory2
2. Available in 176-pin package only.
Address
Size
(Bytes)
Description
Purpose
Environment
00 000016 − 00 0FFF16
4K
Base Memory
IRE & OBD - Internal Flash
DEV - External Base Memory
00 100016 − 00 DFFF16
52K
Expansion Memory 1
1. The Expansion Memory size is limited to 1 Mbyte and is aliased between addresses above and
below 01 000016.
00 F00016 − 00 F7FF16
2K
System RAM
00 F88016 − 00 F8FF16
Flash Control Registers1
00 F90016 − 00 F90A16
11
Shared BIOS and Security Registers2
2. See Appendix A on page 408 for details of the implemented registers.
00 F98016 − 00 F98F16
16
BIU Registers1
00 FA0016 − 00 FA7F16
DMA Controller Registers11
00 FB0016 − 00 FBFF16
256
I/O Expansion
00 FC0016 − 00 FFFF16
1K
On-chip Module Registers1
01 000016 − 0F FFFF16 960K Expansion Memory
10 000016 − 1F FFFF16 1024K Expansion Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com