Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 101Page - National Semiconductor (TI) PC87591L Datasheet HTML 102Page - National Semiconductor (TI) PC87591L Datasheet HTML 103Page - National Semiconductor (TI) PC87591L Datasheet HTML 104Page - National Semiconductor (TI) PC87591L Datasheet HTML 105Page - National Semiconductor (TI) PC87591L Datasheet HTML 106Page - National Semiconductor (TI) PC87591L Datasheet HTML 107Page - National Semiconductor (TI) PC87591L Datasheet HTML 108Page - National Semiconductor (TI) PC87591L Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
105
www.national.com
4.4
MULTI-INPUT WAKE-UP (MIWU)
The Multi-Input Wake-Up Unit (MIWU) allows the PC87591x to exit Idle mode. In addition, it provides signal conditioning and
grouping of external interrupt sources. It supports a total of 32 internal and/or external wake-up sources.
4.4.1
Features
●
Supports up to 32 internal and/or external wake-up inputs
●
Generates a wake-up signal
●
Generates interrupt signals for:
— each of the 32 inputs
— one interrupt for each group of eight inputs e.g., I/O ports
●
User-selectable trigger condition on each input:
— positive edge
— negative edge
●
Individual enable and pending bits for each input
●
Programmable bypass mode connects inputs to ICU without MIWU involvement
4.4.2
Operation
Overview
The Multi-Input Wake-Up Unit (MIWU) detects a valid software-selectable trigger condition on any of its inputs. On detection
of a valid trigger condition, the MIWU generates a wake-up request and/or an interrupt request. The wake-up request is con-
nected to the Power Management module (PMC) and may be utilized to exit the Idle mode and return to Active mode. The
interrupt requests are used to signal to the Interrupt Control Unit (ICU) that either an edge-triggered external or internal in-
terrupt condition has occurred. Figure 32 shows a block diagram of the Multi-Input Wake-Up module.
Note that the MIWU module is active while in Idle mode. Note, however, that because all device clocks are stopped in Idle
mode, the detection of a trigger condition on an input, and the resulting set of the pending flag, are not synchronous to the
system clock.
Table 17 lists the MIWU sources and interrupts used in the PC87591x.
Table 17. Input Assignments
Source
Destination
Name
MIWU Input
Interrupt Name
MIWU Output
PSCLK1
WUI10
PSWUINT
WKINTA
PSCLK2
WUI11
PSCLK3
WUI12
PSDAT1
WUI13
PSDAT2
WUI14
PSDAT3
WUI15
PSCLK4
WUI16
PSDAT4
WUI17
EWXINT20
WUI20
INT1
WKO20
EXWINT21
WUI21
INT31
WKO21
EXWINT22
WUI22
INT21
WKO22
EXWINT23
WUI23
INT6
WKO23
EXWINT24
WUI24
INT17
WKO24
SWIN
WUI25
INT14
WKO25
MSWC Wake-Up
WUI26
INT12
WKO26
T0OUT1
WUI27
T0OUTINT
WKO27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com