Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 253 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 253 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 249Page - National Semiconductor (TI) PC87591L Datasheet HTML 250Page - National Semiconductor (TI) PC87591L Datasheet HTML 251Page - National Semiconductor (TI) PC87591L Datasheet HTML 252Page - National Semiconductor (TI) PC87591L Datasheet HTML 253Page - National Semiconductor (TI) PC87591L Datasheet HTML 254Page - National Semiconductor (TI) PC87591L Datasheet HTML 255Page - National Semiconductor (TI) PC87591L Datasheet HTML 256Page - National Semiconductor (TI) PC87591L Datasheet HTML 257Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
253
www.national.com
Flash ID Read
To identify the device version, perform the following sequence:
1. Enable flash access (if not already enabled).
2. Read the Device ID (SID and SRID register values), using the Device ID Scan, as follows:
a. Set the IR to Device ID Scan instruction.
b. Scan the LF_ID chain.
4.19.5 Test Access Port (TAP)
This section defines the top-level design of the TAP, as illustrated in Figure 81. Subsequent sections provide detailed TAP
design requirements.
The TAP includes the following elements:
●
TAP signals
●
TAP controller
●
Instruction Register (IR)
●
Data registers (Debugger and Flash interfaces).
The Instruction and data registers have separate shift register-based paths connected in parallel. These registers have a
common serial data input and a common serial data output connected to the TAP TDI and TDO signals, respectively.
The TAP controller selects between TDI and TDO as the alternative instruction and data register paths.
Figure 81. TAP Block Diagram
DBGDATA Register
Instruction Register
Instruction Decode
Output Buffer
TDI
TDO
Clocks and/or Controls
TAP Controller
TMS
TCK
DBGMASKS Register
BYPASS Register
G
FL_ADDR Register
FL_DATA Register
FL_ID Register
FL_CT_ST Register
FL_ERASE Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com