Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 294 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 294 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 290Page - National Semiconductor (TI) PC87591L Datasheet HTML 291Page - National Semiconductor (TI) PC87591L Datasheet HTML 292Page - National Semiconductor (TI) PC87591L Datasheet HTML 293Page - National Semiconductor (TI) PC87591L Datasheet HTML 294Page - National Semiconductor (TI) PC87591L Datasheet HTML 295Page - National Semiconductor (TI) PC87591L Datasheet HTML 296Page - National Semiconductor (TI) PC87591L Datasheet HTML 297Page - National Semiconductor (TI) PC87591L Datasheet HTML 298Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
www.national.com
294
Revision 1.07
Host Interface PM n Control Register (HIPMnCTL)
The HIPMnCTL register controls the operation mode and configuration of the PM channel. It includes the Enhanced mode
enable bit and control bits for Enhanced mode operation. HIPMnCTL is 4016 on reset.
Location: Channel 1 - 00 FEB816
Channel 2 - 00 FECA16
Type: R/W
Bit
76543210
Name
EME
SCIPOL
PLMS
Reserved
OBEIE
IBFIE
Reset
see text
1000000
Bit
Description
0
IBFIE (Input Buffer Full Interrupt Enabler).
0: IBF interrupt to the core is disabled
1: Enables an interrupt to the core when IBF in HIPMnST register is set
1
OBEIE (Output Buffer Empty Interrupt Enable).
0: OBF interrupt to the core is disabled
1: Enables an interrupt to the core when OBF in HIPMnST register is set
2
Reserved.
5-3
PLMS (Pulse Level Mode SCI). Sets the hardware-controlled SCI signal mode to be Level or Pulse and sets
the pulse width.
When PLMS = 0002, the SCI signal functions in Level mode. In this mode, the SCI pulse shaper output value is
low, and a high level is set to issue an interrupt (the respective OBF is set).
When PLMS
≠ 0, the host interrupts are in Pulse mode. In this mode, the SCI pulse shaper output value is low,
and it toggles high to issue an interrupt (i.e., when the respective output buffer register is written).
The pulse widths are:
Bits
5 4 3
Pulse Width
0 0 0:
Level interrupt
0 0 1:
1-Cycle Pulse
0 1 0:
2-Cycle Pulse
0 1 1:
4-Cycle Pulse
1 0 0:
8-Cycle Pulse
1 0 1:
16-Cycle Pulse
Other:
Reserved
6
SCIPOL (SCI Negative Polarity).
0: SCI output inactive value is low and its active (asserted) value is high
1: Inverted polarity is used. When SCIPOL is set, the SCI signal is the inverse of either what is stored in SCIB or
the output of the SCI pulse shaper.
This bit affects the SCI signal polarity in both PC87570 Legacy and Enhanced modes.
7
EME (Enhanced Mode Enable).
0: PM channel is used in Legacy mode. HIPMnST status bits are controlled by writes to the bit value, and inter-
rupts are controlled by HICTRL and HIIRQC register bits (default for HIPM1CTL).
1: Enables enhanced control of the PM channel. The bits in HICTRL and HIIRQC registers are ignored in this case
(default for HIPM2CTL).
In HIPM2CTL (i.e., for PM channel 2), EME is a read-only bit that holds the value 1. Writes to this bit are
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com