Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 384 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 384 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 380Page - National Semiconductor (TI) PC87591L Datasheet HTML 381Page - National Semiconductor (TI) PC87591L Datasheet HTML 382Page - National Semiconductor (TI) PC87591L Datasheet HTML 383Page - National Semiconductor (TI) PC87591L Datasheet HTML 384Page - National Semiconductor (TI) PC87591L Datasheet HTML 385Page - National Semiconductor (TI) PC87591L Datasheet HTML 386Page - National Semiconductor (TI) PC87591L Datasheet HTML 387Page - National Semiconductor (TI) PC87591L Datasheet HTML 388Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
384
Revision 1.07
7.6.2
Reset Timing
Figure 129. Internal Power-Up Reset
Notes:
1. Either WATCHDOG, Debugger I/F or Power-Up reset.
2. Valid on Power-Up reset only.
Figure 130. Warm Hardware Reset
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tSUPUP
130
Supply wake-up time to
95% VCC
After VCC >VCCON
1ms
tIRST
130
Internal or power-on reset
time
Power stable to end of 16th clock
cycle of CLK
16 * tCLK +
t32KD
16 * tCLK +
t32KD +t32KW
-
tIPLv
130
Valid time: Internal strap
pull-up resistors
Before end of 16th clock cycle of
CLK
16 * tCLK
-
tEPLv
130
Valid time: External strap
pull-up resistors
Before end of 16th clock cycle of
CLK
6 * tCLK
-
tWRST
130
RESET1-2 width
RESET1-2 FE to RESET1-2 RE
3 * tCLK
-
VCC (Power)
1
CLK
Internal Reset
tIRST
Internal Straps2
tIPLv
Internal
tSUPUP
0.95 V CC
VCCONmin
Reset Event 1
tEPLv
(Pull-down)
External Straps
(Pull-up)
Strap Sampling
Time
CLK
RESET1-2
tWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com