Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 174 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 174 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 170Page - National Semiconductor (TI) PC87591L Datasheet HTML 171Page - National Semiconductor (TI) PC87591L Datasheet HTML 172Page - National Semiconductor (TI) PC87591L Datasheet HTML 173Page - National Semiconductor (TI) PC87591L Datasheet HTML 174Page - National Semiconductor (TI) PC87591L Datasheet HTML 175Page - National Semiconductor (TI) PC87591L Datasheet HTML 176Page - National Semiconductor (TI) PC87591L Datasheet HTML 177Page - National Semiconductor (TI) PC87591L Datasheet HTML 178Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
174
Revision 1.07
To change the diode selection for a new measurement, the input is switched between inputs at different voltage levels. The
temperature input interface circuits of the ADC require a settling time to reach the new voltage value with the equivalent of
1/2
°C accuracy. Therefore, the ADC waits for a programmable delay time between the selection of the diode to be measured
and the beginning of the A/D conversion. This Temperature Channel Delay is expressed in ADC clock cycles in ADC Delay
Control register (ADLYCTL). The number of ADC clock cycles should be converted to time using the following formula:
Delay = Number_of_ADC_clocks * (System_clock_cycle) * SCLKDIV(5-0)
To calculate the required delay value according to the externally added components, see Section 4.11.7 on page 185.
4.11.5 ADC Operation
Reset
Section 3.2 on page 65 describes the types of PC87591x resets. The ADC is affected by the core domain reset events, as
described below:
All control, configuration and status registers are reset to their default values, as indicated in Section 4.11.6 on page 177.
An exception to this is OTSEV (Overtemperature Event) bit in ADCSTS register, which is reset at VCC Power-Up reset only.
The Temperature and Voltage (1, 2 and 3) Channel Data Buffer registers are not reset, since their value is undefined until
the first measurement occurs (on each of them).
The ADC is disabled, with all interrupt sources masked and all event status bits reset. The remote temperature diode is dis-
abled, and the voltage inputs AD8 and AD9 may be used. The clock division factor, as well as the temperature channel delay
and the voltage channel delay, are all set to their maximum value (for the slowest ADC operation speed). The Overtemper-
ature limit is set to the highest value (127
°C) for maximum flexibility. Each of the four channels is individually disabled, along
with its interrupt source. The Selected Input for all three voltage channels is set to 1F16 (disabled).
ADC Clock
The ADC clock is generated by dividing the system clock by a factor in the range of 4 to 63, as defined in SCLKDIV field in
ACLKCTL register (see Section 4.11.6 on page 177). The system clock’s source is the on-chip clock multiplier (see
Section 4.18 on page 239). The ADC clock needs to be at a frequency of 0.5 MHz. SCLKDIV must be programed prior to
enabling the ADC (i.e., while ADCEN of the ADCCNF register is 0).
Initializing the ADC
The ADC must be initialized before it is enabled. The following steps need to be taken to initialize it before enabling the ADC
(i.e., ADCEN bit in ADCCNF register is cleared):
●
System Clock Division Factor - SCLKDIV field in ACLKCTL register.
●
Temperature Channel Delay - TMPDLY field in ADLYCTL register.
●
Voltage Channel Delay - VOLDLY field in ADLYCTL register.
●
Select use of Remote Diode or AI8 and AI9 - REMDEN bit in ADCCNF register.
●
Copy calibration information from the flash to the index-data fields using the following sequence:
a. Read a byte from flash information block.
b. Set index for that parameter in ADCPINX register.
c. Write data to ADCPD register.
d. Repeat steps a-c for all parameters, as defined in Section B.1 on page 434.
e. Select index 00h in ADCPINX and write data of 0116 to ADCPD to lock the calibration information.
Enabling and Disabling the ADC
Enabling the ADC. The ADC is enabled by setting ADCEN in ADCCNF register to 1.
After the ADC is enabled, its internal circuits need an activation delay of 100
µs. This activation delay should be added to
the ADC cycle until the first batch of measurements (after enabling the ADC) is available. Note that after activation, the first
set of results using the large scale mode (CSCALE bit in VCHiCTL register is clear) may be wrong.
The PC87591x temperature is measured as long as the ADC is active. Other measurement operations may be enabled or
disabled individually. When measurement conversions are enabled while the ADC is enabled, the measurement operations
start on the following conversion cycle.
Disabling the ADC. The ADC is disabled by resetting ADCEN in ADCCNF register when one of these conditions applies:
●
VCC Power-Up reset
●
Warm reset
●
Core enters Idle mode
●
The software resets the ADCEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com