Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 39 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 39 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 36Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 37Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 38Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 39Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 40Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 41Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 42Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 43Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
QPSK Demodulator
MT312
39
The Viterbi decoder will search for a signal with the code rates selected by this register. If one code rate is
selected, the MT312 will search for a signal with only that code rate. If the code rate is unknown then all B5:0
may be set, when the MT312 will search all code rates. It is possible to choose the starting point for the code
rate search by setting a bit in VIT SETUP[B3:1] register (86). After searching for a signal with the initial code
rate, if no signal is found the search proceeds to the next higher code rate, see 69.
In the DSS mode the code rate is not specified using VIT MODE register. If any of the two DSS bits of
Configuration Register (127) is set, then the code rates selected by the VIT MODE register are ignored. The
DSS code rate selection is carried out as described in section 1.1, see 10.
The result of the search is reported in the FEC STAT register (6), see 49.
6.1.3 QPSK Control. Register 26 (R/W)
B7:
Reserved
Must be set low.
B6:
Q IQ SP
Swap I and Q inputs before QPSK demodulation to overcome spectral inversion
caused by the receiver front-end, for example through the swapping I and Q wires on
the board.
High = I-Q swap
Low = No I-Q swap
B5:
Reserved
Must be set low.Q MANHigh = QPSK manual programming
B4:
Reserved
Must be set low.OP CALHigh = Output calculation disable
B3:
Reserved
Must be set low.FLD LKHigh = Use Frequency Lock Detector lock
B2:
AFC M
High = Use AFC mode, for low Symbol rates only, < 10MSym/s.
B1:
Reserved
Must be set low.
B0:
ROLL 20
High = Roll-off 0.20
Low = Roll-off 0.35
If any of the two DSS control bits of the Configuration Register (127) is active (see section 1.1 10), then bit B0
(ROLL 20) is ignored and the matched filter root-raised-cosine roll-off factor is taken as 0.20. Hence bit only
allows the choice of roll-off in the DVB mode.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
QPSK
CTRL
26
Reserved
Q
IQ SP
Reserved Reserved Reserved
AFC
M
Reserved ROLL
20
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com