Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 38 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 38 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 36Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 37Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 38Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 39Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 40Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 41Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 42Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
MT312 QPSK Demodulator
38
6.1.2 Viterbi mode. Register 25 (R/W)
B7:
AUT IQ
Automatic IQ phaseHigh = Search for correct IQ phase.
Low = Use IQ phase setting in V IQ SP.
When this bit is set high, the Viterbi decoder will start with the IQ phase defined in V IQ SP and the
code rate defined in VIT MODE[5:0], to establish the correct IQ phase of the incoming signal. When
this is established, the V IQ SP bit will be set to that phase indication so that it can be read by
software for subsequent re-tuning to the same channel.
B6:
V IQ SP
Swap I and Q inputs to the Viterbi decoder to overcome
spectral inversion caused by the transmitter.
High = I-Q swap
Low = No I-Q swap
If the transmitted signal is known to be spectrally inverted then set this bit to 1. If the spectral inversion
status of the transmitted signal is not known, then after QPSK CT lock, try to achieve FEC lock with
this bit first at zero and then at one.
When AUT IQ is set high, this bit will indicate the IQ phase following successful channel acquisition.
In manual mode, when AUT IQ is set low, software is required to determine the spectrum phase and
control this bit externally.
B5:
CR 7/8
High = Viterbi code rate 7/8.
B4:
CR 6/7
High = Viterbi code rate 6/7.
B3:
CR 5/6
High = Viterbi code rate 5/6.
B2:
CR 3/4
High = Viterbi code rate 3/4.
B1:
CR 2/3
High = Viterbi code rate 2/3.
B0:
CR 1/2
High = Viterbi code rate 1/2.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
VIT MODE
25
AUT IQ
V IQ
SP
CR
7/8
CR
6/7
CR
5/6
CR
3/4
CR
2/3
CR
1/2
R/W
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com