Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 30 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 30 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 26Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 27Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 28Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
MT312 DiSEqC Control
30
5.2 DiSEqC Control Read/Write Registers
5.2.1 DiSEqC™ Mode Control. Register 22 (R/W)
B7:
Reserved.
Must be set low.
B6:
HV H/V polarisation control: High = Horizontal, DISEQC[1] pin = high
Low = Vertical, DISEQC[1] pin = low
The DISEQC[1] pin controls the externally generated 13/18V LNB voltage.
B5-3:
Number of bytes in DiSEqC™ instruction minus 1, to output on DISEQC[0] pin.
i.e. if the message contains four bytes, program B5-3 with the value three.
B2-0:
DiSEqC™ mode:
0:
22kHz off
1:
22kHz on continuous
2:
Burst mode - on for 12.5ms = '0'
3:
Burst mode - modulated 1:2 for 12.5ms = '1'
4:
Modulated with bytes from DISEQC INSTR
5-7:
Reserved.
Note:
for modes 2 and 3, an interrupt is generated 16ms after the '0' or '1' burst.
for mode 4, there is a 16ms delay before the message bytes, then an interrupt is generated 16ms after
the last message byte has been sent. The requisite number of bytes must be pre-loaded into
DISEQC INSTR (register 36) before this bit is set, see 31.
5.2.2 DiSEqC(tm) Ratio. Register 35 (R/W)
DISEQC RATIO[7:0] This must be programmed to set the Diseqc output tone frequency.
Fout =
Where Fout is in kHz and Fxtal is in MHz.
For a 22kHz output tone, DISEQC RATIO[7:0] = 11.364 * Fxtal
e.g. with Fxtal = 10MHz, DISEQC RATIO[7:0] = 114, or for 15 MHz 170.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC MODE
22
Reserved
HV
DISEQC
instruction length
22kHz mode
R/W
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC RATIO
35
DISEQC RATIO[7:0]
R/W
00
4*DISEQC_RATIO[7:0]
Fxtal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com